Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

ADM691AARN-REEL7 Datasheet(PDF) 5 Page - Analog Devices

No. de Pieza. ADM691AARN-REEL7
Descripción  Microprocessor Supervisory Circuits
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo 

ADM691AARN-REEL7 Datasheet(HTML) 5 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADM691A/ADM693A/ADM800L/M
–5–
REV. 0
Typical Performance Curves–
TEMPERATURE –
°C
–50
125
–25
0
25
50
75
100
100
20
70
40
30
90
80
60
50
Figure 2. ICC vs. Temperature: Normal Operation
TEMPERATURE –
°C
–50
90
–30
–10
10
30
50
70
60
30
45
40
35
55
50
Figure 3. IBATT vs. Temperature: Battery Backup Mode
TEMPERATURE –
°C
–50
125
–25
0
25
50
75
100
80
20
50
40
30
70
60
Figure 4. Chip Enable ON-Resistance vs. Temperature
TEMPERATURE –
°C
–50
90
–30
–10
10
30
50
70
1.2
0.6
0.9
0.8
0.7
1.1
1.0
Figure 5. VCC to VOUT ON-Resistance vs. Temperature
IOUT – mA
80
0
40
120
60
80
100
70
40
30
20
10
60
50
ROUT = 0.67Ω
Figure 6. VCC to VOUT Voltage Drop vs. Current
IOUT – mA
70
0
410
68
60
50
40
20
10
30
ROUT = 7Ω
Figure 7. VBATT to VOUT Voltage Drop vs. Current


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn