Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

ADM691AARN-REEL7 Datasheet(PDF) 6 Page - Analog Devices

No. de Pieza. ADM691AARN-REEL7
Descripción  Microprocessor Supervisory Circuits
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo 

ADM691AARN-REEL7 Datasheet(HTML) 6 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADM691A/ADM693A/ADM800L/M
–6–
REV. 0
VCC – V
0
5.0
0.5
1.0
1.5
2.0
2.5
3.0
10
0
7
2
1
9
8
6
5
4
3
3.5
4.0
4.5
VBATT = 2.8V
Figure 8. Battery Current vs. Input Supply Voltage
COSC – pF
100
10
0.1
10
1k
100
1
LONG WATCHDOG TIMEOUT PERIOD
SHORT WATCHDOG
TIMEOUT PERIOD
RESET ACTIVE
TIMEOUT PERIOD = >
Figure 9. Watchdog and Reset Timeout Period vs.
OSC IN Capacitor
TEMPERATURE –
°C
–50
125
–25
0
25
50
75
100
7.0
4.0
5.5
5.0
4.5
6.5
6.0
Figure 10. Chip Enable Propagation Delay vs.
Temperature
LOAD CAPACITANCE – pF
0
300
50
100
150
200
250
16
0
10
4
2
14
12
8
6
Figure 11. Chip Enable Propagation Delay vs.
Load Capacitance
TEMPERATURE –
°C
–50
90
–30
–10
10
30
50
70
230
170
200
220
210
190
180
Figure 12. Reset Timeout Relay vs. Temperature
TEMPERATURE –
°C
–50
130
–20
10
40
70
100
1200
0
600
1000
800
400
200
VCC = 5V, VBATT = 2.8V
SOURCING CURRENT
VCC = 0V, VBATT = 2.8V
SINKING CURRENT
Figure 13. RESET Output Resistance vs. Temperature


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn