Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

ADM691AARN-REEL7 Datasheet(PDF) 7 Page - Analog Devices

No. de Pieza. ADM691AARN-REEL7
Descripción  Microprocessor Supervisory Circuits
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo 

ADM691AARN-REEL7 Datasheet(HTML) 7 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADM691A/ADM693A/ADM800L/M
–7–
REV. 0
10
0%
100
90
400ms
1V
Figure 14. RESET Output Voltage vs. Supply
10
0%
100
90
10µs
1V
Figure 15. RESET Response Time
POWER FAIL RESET OUTPUT
RESET
is an active low output that provides a reset signal to the
Microprocessor whenever VCC is at an invalid level. When VCC
falls below the reset threshold, the RESET output is forced
low. The reset voltage threshold is 4.65 V (ADM691A/
ADM800L) or 4.4 V (ADM693A/ADM800M).
On power-up RESET will remain low for 200 milliseconds after
VCC rises above the appropriate reset threshold. This allows time
for the power supply and microprocessor to stabilize. On power-
down, the RESET output remains low with VCC as low as 1 V.
This ensures that the microprocessor is held in a stable shut-
down condition. If RESET is required to be low for voltages be-
low 1 V, this may be achieved by connecting a pull-down resistor
on the RESET line. The resistor will help maintain RESET low
down to VCC = 0 V. Note that this is only necessary if VBATT is
below 2 V. With battery voltages
≥2 V RESET will function cor-
rectly with VCC from 0 V to +5.5 V.
This reset active time is adjustable by using an external oscillator
or by connecting an external capacitor to the OSC IN pin. Refer
to Table II.
The guaranteed minimum and maximum thresholds of the
ADM691A/ADM800L are 4.5 V and 4.75 V, while the guaran-
teed thresholds of the ADM693A/ADM800M are 4.25 V and
4.5 V. The ADM691A/ADM800L is therefore compatible with
5 V supplies with a +10%, –5% tolerance while the ADM693A/
ADM800M is compatible with 5 V
± 10% supplies.
In addition to RESET an active high RESET output is provided.
This is the complement of RESET and is useful for processors
requiring an active high RESET signal.
Watchdog Timer Reset
The watchdog timer circuit monitors the activity of the micro-
processor in order to check that it is not stalled in an indefinite
loop. An output line on the processor is used to toggle the
Watchdog Input (WDI) line. If this line is not toggled within the
selected timeout period, a reset pulse is generated. The watch-
dog timeout period may be configured for either a fixed “short”
100 ms or a “long” 1.6 second timeout period or for an adjust-
able timeout period. Note that even if the short timeout period
is selected, the first time out immediately following a reset is
1.6 sec. This is to allow additional time for the microprocessor
to regain control following a reset.
The watchdog timer is restarted at the end of reset, whether the
reset was caused by lack of activity on WDI or by VCC falling be-
low the reset threshold.
The normal (short) timeout period becomes effective following
the first transition of WDI after reset has gone inactive. The
watchdog timeout period restarts with each transition on the
WDI pin. To ensure that the watchdog timer does not time out,
either a high-to-low or low-to high transition on the WDI pin
must occur at or less than the minimum timeout period. If WDI
remains permanently either high or low, reset pulses will be is-
sued after each timeout period (1.6 seconds). The watchdog
monitor can be deactivated by floating the Watchdog Input
(WDI). If floating, an internal resistor network biases WDI to
around 1.6 V.
CHIP ENABLE
OUTPUT
CONTROL
VBATT
VCC
CEIN
OSC IN
OSC SEL
WATCHDOG
INPUT (WDI)
POWER FAIL
INPUT (PFI)
1VOLTAGE DETECTOR = 4.4V (ADM693A/ADM800M)
ADM691A/ADM693A
ADM800L/ADM800M
1.25V
WATCHDOG
TRANSITION DETECTOR
WATCHDOG
TIMER
RESET &
WATCHDOG
TIMEBASE
RESET &
GENERATOR
4.65V1
BATT ON
LOW LINE
VOUT
CEOUT
RESET
RESET
WATCHDOG
OUTPUT (
WDO)
POWER FAIL
OUTPUT (PFO)
Figure 16. Functional Block Diagram
Watchdog Output (WDO)
The Watchdog Output WDO provides a status output that goes
low if the watchdog timer “times out” and remains low until set
high by the next transition on the watchdog input. WDO is also
set high when VCC goes below the reset threshold. If WDI re-
mains high or low indefinitely, RESET and RESET will gener-
ate 200 ms pulses every 1.6 sec.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn