Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADV7179KCP1 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza ADV7179KCP1
Descripción Electrónicos  Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADV7179KCP1 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADV7179KCP1 Datasheet HTML 6Page - Analog Devices ADV7179KCP1 Datasheet HTML 7Page - Analog Devices ADV7179KCP1 Datasheet HTML 8Page - Analog Devices ADV7179KCP1 Datasheet HTML 9Page - Analog Devices ADV7179KCP1 Datasheet HTML 10Page - Analog Devices ADV7179KCP1 Datasheet HTML 11Page - Analog Devices ADV7179KCP1 Datasheet HTML 12Page - Analog Devices ADV7179KCP1 Datasheet HTML 13Page - Analog Devices ADV7179KCP1 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
ADV7174/ADV7179
Rev. B | Page 10 of 52
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
37
36
35
38
39
40
33
32
31
34
11
12
13
14
15
16
17
18
19
20
3
4
5
6
7
1
2
10
8
9
26
27
28
29
24
25
22
23
21
30 VREF
DAC A
DAC B
VAA
GND
VAA
DAC C
CLOCK
VAA
P5
P6
P7
GND
GND
GND
GND
VAA
COMP
SDATA
SCLOCK
PIN 1
INDICATOR
ADV7174/ADV7179
LFCSP
TOP VIEW
(Not to Scale)
Figure 5. Pin Configurations
Table 6. Pin Function Descriptions
Mnemonic
Input/
Output
Function
P7–P0
I
8-Bit 4:2:2 Multiplexed YCrCb Pixel Port (P7–P0). P0 is the LSB.
CLOCK
I
TTL Clock Input. Requires a stable 27 MHz reference clock for standard operation. Alternatively, a 24.5454 MHz
(NTSC) or 29.5 MHz (PAL) can be used for square pixel operation.
HSYNC
I/O
HSYNC (Modes 1 and 2) Control Signal. This pin may be configured to output (master mode) or accept (slave
mode) sync signals.
FIELD/VSYNC
I/O
Dual Function FIELD (Mode 1) and VSYNC (Mode 2) Control Signal. This pin may be configured to output
(master mode) or accept (slave mode) these control signals.
BLANK
I/O
Video Blanking Control Signal. The pixel inputs are ignored when this is Logic 0. This signal is optional.
SCRESET/RTC
I
This pin can be configured as an input by setting MR22 and MR21 of Mode Register 2. It can be configured as a
subcarrier reset pin, in which case a low-to-high transition on this pin resets the subcarrier to Field 0.
Alternatively, it can be configured as a real-time control (RTC) input.
VREF
I/O
Voltage Reference Input for DACs or Voltage Reference Output (1.235 V).
RSET
I
A 150 Ω resistor connected from this pin to GND is used to control full-scale amplitudes of the video signals.
COMP
O
Compensation Pin. Connect a 0.1 μF capacitor from COMP to VAA. For optimum dynamic performance in low
power mode, the value of the COMP capacitor can be lowered to as low as 2.2 nF.
DAC A
O
DAC Output (see Table 13)
DAC B
O
DAC Output (see Table 13).
DAC C
O
DAC Output (see Table 13).
SCLOCK
I
MPU Port Serial Interface Clock Input.
SDATA
I/O
MPU Port Serial Data Input/Output.
ALSB
I
TTL Address Input. This signal sets up the LSB of the MPU address.
RESET
I
This input resets the on-chip timing generator and sets the ADV7174/ADV7179 into default mode. This is NTSC
operation, Timing Slave Mode 0, 8-bit operation, 2× composite out signals. DACs A, B, and C are enabled.
TTX
I
Teletext Data.
TTXREQ
O
Teletext Data Request Signal/Defaults to GND when Teletext Not Selected.
VAA
P
Power Supply (2.8 V or 3.3 V).
GND
G
Ground Pin.


Número de pieza similar - ADV7179KCP1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADV7179KCP AD-ADV7179KCP Datasheet
488Kb / 52P
   Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. A
ADV7179KCP-REEL AD-ADV7179KCP-REEL Datasheet
488Kb / 52P
   Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. A
More results

Descripción similar - ADV7179KCP1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADV7174 AD-ADV7174_15 Datasheet
550Kb / 52P
   Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. B
ADV7179 AD-ADV7179_15 Datasheet
550Kb / 52P
   Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
Rev. B
ADV7174 AD-ADV7174 Datasheet
488Kb / 52P
   Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. A
ADV7170 AD-ADV7170 Datasheet
754Kb / 55P
   Digital PAL/NTSC Video Encoder with 10-Bit SSAF??and Advanced Power Management
REV. 0
logo
Intersil Corporation
HMP8190 INTERSIL-HMP8190 Datasheet
227Kb / 32P
   NTSC/PAL Video Encoder
HMP8170 INTERSIL-HMP8170_03 Datasheet
632Kb / 33P
   NTSC/PAL Video Encoder
HMP8170 INTERSIL-HMP8170 Datasheet
232Kb / 33P
   NTSC/PAL Video Encoder
logo
Motorola, Inc
MC13077 MOTOROLA-MC13077 Datasheet
159Kb / 14P
   ADVANCED PAL/NTSC ENCODER
logo
Zoran Corporation
CVE2 ZORAN-CVE2 Datasheet
228Kb / 2P
   NTSC/PAL Video Encoder
logo
Renesas Technology Corp
HMP8170 RENESAS-HMP8170 Datasheet
1Mb / 33P
   NTSC/PAL Video Encoder
Sep 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com