Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADuM1100BR-RL7 Datasheet(PDF) 5 Page - Analog Devices |
|
ADuM1100BR-RL7 Datasheet(HTML) 5 Page - Analog Devices |
5 / 20 page Data Sheet ADuM1100 Rev. I | Page 5 of 20 1 Output supply current values are with no output load present. See and for information on supply current variation with logic signal frequency. See the section for guidance on calculating the input and output supply currents for a given data rate and output load. Figure 5 Figure 5 Figure 6 Figure 6 Power Consumption Power Consumption 2 The minimum pulse width is the shortest pulse width at which the specified pulse width distortion is guaranteed. 3 The maximum data rate is the fastest data rate at which the specified pulse width distortion is guaranteed. 4 tPHL is measured from the 50% level of the falling edge of the VI signal to the 50% level of the falling edge of the VO signal. tPLH is measured from the 50% level of the rising edge of the VI signal to the 50% level of the rising edge of the VO signal. 5 Because the input thresholds of the ADuM1100 are at voltages other than the 50% level of typical input signals, the measured propagation delay and pulse width distortion can be affected by slow input rise/fall times. See the section and through for information on the impact of given input rise/fall times on these parameters. Propagation Delay-Related Parameters Figure 14 Figure 18 6 Pulse width distortion change vs. temperature is the absolute value of the change in pulse width distortion for a 1°C change in operating temperature. 7 tPSK1 is the magnitude of the worst-case difference in tPHL and/or tPLH that is measured between units at the same operating temperature and output load within the recommended operating conditions. tPSK2 is the magnitude of the worst-case difference in tPHL and/or tPLH that is measured between units at the same operating temperature, supply voltages, and output load within the recommended operating conditions. 8 CMH is the maximum common-mode voltage slew rate that can be sustained while maintaining VO > 0.8 VDD2. CML is the maximum common-mode voltage slew rate that can be sustained while maintaining VO < 0.8 V. The common-mode voltage slew rates apply to both rising and falling edges. The transient magnitude is the range over which the common mode is slewed. 9 Dynamic supply current is the incremental amount of supply current required for a 1 Mbps increase in signal data rate. See and for information on supply current variation with logic signal frequency. See the section for guidance on calculating the input and output supply currents for a given data rate and output load. |
Número de pieza similar - ADuM1100BR-RL7 |
|
Descripción similar - ADuM1100BR-RL7 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |