Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BR25H040FVT-2C Datasheet(PDF) 6 Page - Rohm

No. de pieza BR25H040FVT-2C
Descripción Electrónicos  Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BR25H040FVT-2C Datasheet(HTML) 6 Page - Rohm

Back Button BR25H040FVT-2C Datasheet HTML 2Page - Rohm BR25H040FVT-2C Datasheet HTML 3Page - Rohm BR25H040FVT-2C Datasheet HTML 4Page - Rohm BR25H040FVT-2C Datasheet HTML 5Page - Rohm BR25H040FVT-2C Datasheet HTML 6Page - Rohm BR25H040FVT-2C Datasheet HTML 7Page - Rohm BR25H040FVT-2C Datasheet HTML 8Page - Rohm BR25H040FVT-2C Datasheet HTML 9Page - Rohm BR25H040FVT-2C Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
BR25H040-2C
6/32
Datasheet
Datasheet
www.rohm.com
©2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0R1R0G100090-1-2
21.Mar.2013 Rev.001
●Pin Configuration
●Pin Descriptions
Terminal
number
Terminal
name
Input
/Output
Function
1
CSB
Input
Chip select input
2
SO
Output
Serial data output
3
WPB
Input
Write protect input
Write status register command is prohibited.
Write command is prohibited.
4
GND
All input / output reference voltage, 0V
5
SI
Input
Start bit, ope code, address, and serial data input
6
SCK
Input
Serial clock input
7
HOLDB
Input
Hold input
Command communications may be suspended
temporarily (HOLD status)
8
VCC
Power source to be connected
VCC
HOLDB
SCK
SI
CSB
SO
WPB
GND
BR25H040-2C
Figure 6. Pin assignment diagram


Número de pieza similar - BR25H040FVT-2C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BR25H040FVT-2CE2 ROHM-BR25H040FVT-2CE2 Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM
BR25H040FVT-2CTR ROHM-BR25H040FVT-2CTR Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM
More results

Descripción similar - BR25H040FVT-2C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BR25H040FVM-2C ROHM-BR25H040FVM-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
BR25H010-2C ROHM-BR25H010-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125 Operation SPI BUS EEPROM
BR25H020-2C ROHM-BR25H020-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125 Operation SPI BUS EEPROM
BR25H020FJ-2C ROHM-BR25H020FJ-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
BR25H128-2C ROHM-BR25H128-2C Datasheet
894Kb / 33P
   Serial EEPROM Series Automotive EEPROM 125 Operation SPI BUS EEPROM
BR25H040F-2C ROHM-BR25H040F-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
BR25H080-2C ROHM-BR25H080-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125 Operation SPI BUS EEPROM
BR25H020F-2C ROHM-BR25H020F-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
BR25H020FVT-2C ROHM-BR25H020FVT-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
BR25H040FJ-2C ROHM-BR25H040FJ-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com