Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADC0838CCN Datasheet(PDF) 1 Page - Texas Instruments |
|
ADC0838CCN Datasheet(HTML) 1 Page - Texas Instruments |
1 / 40 page ADC0831-N, ADC0832-N, ADC0834-N, ADC0838-N www.ti.com SNAS531B – AUGUST 1999 – REVISED MARCH 2013 ADC0831-N/ADC0832-N/ADC0834-N/ADC0838-N 8-Bit Serial I/O A/D Converters with Multiplexer Options Check for Samples: ADC0831-N, ADC0832-N, ADC0834-N, ADC0838-N 1 FEATURES KEY SPECIFICATIONS 2 • TI MICROWIRE Compatible—Direct Interface to • Resolution: 8 Bits COPS Family Processors • Total Unadjusted Error: ±½ LSB and ±1 LSB • Easy Interface to All Microprocessors, or • Single Supply: 5 VDC Operates “Stand-Alone” • Low Power: 15 mW • Operates Ratiometrically or with 5 VDC Voltage • Conversion Time: 32 μs Reference • No Zero or Full-Scale Adjust Required DESCRIPTION • 2-, 4- or 8-Channel Multiplexer Options with The ADC0831 series are 8-bit successive Address Logic approximation A/D converters with a serial I/O and configurable input multiplexers with up to 8 channels. • Shunt Regulator Allows Operation with High The serial I/O is configured to comply with the TI Voltage Supplies MICROWIRE serial data exchange standard for easy • 0V to 5V Input Range with Single 5V Power interface to the COPS family of processors, and can Supply interface with standard shift registers or μPs. • Remote Operation with Serial Digital Data Link The 2-, 4- or 8-channel multiplexers are software • TTL/MOS Input/Output Compatible configured for single-ended or differential inputs as well as channel assignment. • 0.3 in. Standard Width, 8-, 14- or 20-Pin PDIP Package The differential analog voltage input allows increasing • 20 Pin PLCC Package (ADC0838-N Only) the common-mode rejection and offsetting the analog zero input voltage value. In addition, the voltage • SOIC Package reference input can be adjusted to allow encoding any smaller analog voltage span to the full 8 bits of resolution. Typical Application 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 2 All trademarks are the property of their respective owners. PRODUCTION DATA information is current as of publication date. Copyright © 1999–2013, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Número de pieza similar - ADC0838CCN |
|
Descripción similar - ADC0838CCN |