Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MCR10EZHF5102 Datasheet(PDF) 4 Page - Rohm

No. de Pieza. MCR10EZHF5102
Descripción  Thick film rectangular
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo 

MCR10EZHF5102 Datasheet(HTML) 4 Page - Rohm

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MCR10
Resistors
4/5
!
Part designation
MCR10
EZH
PZHI
5,000
10,000
F
±1%
±5%
J
Packaging / Processing specifications
Resistance tolerance
Special part number
Nominal resistance
Part No.
3-digit or 4-digit IEC coding system
Part No.
Paper tape
Bulk case
Code
Packaging
Standard ordering
Unit(pcs)
10
Ω or more (F class)
1
Ω or more (J class)
Blank
Up to10
Ω (F class)
Up to1
Ω (J class)
L
Specify "J" for jumper also.
!
Dimensions
Fig.2 Dimensions (length)
1.80
1.85
1.90
1.95
2.00
2.05
2.10
2.15
2.20
RESISTANCE
(
Ω)
JIS C 5201-1 4.4.2
SAMPLE SIZE : n
=20pcs
MICROMETER
0.1
1
10 100 1k 10k 100k 1M 10M
Fig.3 Dimensions (width)
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
1.45
0.1
1
10 100 1k
10k 100k 1M 10M
RESISTANCE
(
Ω)
JIS C 5201-1 4.4.2
SAMPLE SIZE : n
=20pcs
MICROMETER
Fig.4 Dimensions (thickness)
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.1
1
10 100 1k
10k 100k 1M 10M
RESISTANCE
(
Ω)
JIS C 5201-1 4.4.2
SAMPLE SIZE : n
=20pcs
MICROMETER
!Electrical characteristics
Fig.5 Resistance
−8.0
−6.0
−4.0
−2.0
0.0
2.0
4.0
6.0
8.0
RESISTANCE
(
Ω)
JIS C 5201-1 4.5
SAMPLE SIZE : n
=20pcs
20
°C 65%RH
0.1
1
10 100 1k
10k 100k 1M 10M
Fig.6 Variation resistance with
temperature
−900
−700
−500
−300
−100
100
300
500
700
900
RESISTANCE
(
Ω)
JIS C 5201-1 4.8
SAMPLE SIZE : n
=10pcs
25
°C / −55°C
25
°C / 125°C
0.1
1
10 100 1k 10k 100k 1M 10M
Fig.7 Overload
−4.0
−3.0
−2.0
−1.0
0.0
1.0
2.0
3.0
4.0
RESISTANCE
(
Ω)
JIS C 5201-1 4.13
SAMPLE SIZE : n
=10pcs
RATED VOLTAGE
×2.5
TIMES : 2s
MAXIMUM OVERLOAD VOLTAGE : 200V
0.1
1
10 100
1k 10k 100k 1M 10M


Html Pages

1  2  3  4  5 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn