Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MCR10EZHF5102 Datasheet(PDF) 5 Page - Rohm

No. de Pieza. MCR10EZHF5102
Descripción  Thick film rectangular
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo 

MCR10EZHF5102 Datasheet(HTML) 5 Page - Rohm

   
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MCR10
Resistors
5/5
Fig.8 Resistance to soldering heat
RESISTANCE
(
Ω)
JIS C 5201-1 4.18
SAMPLE SIZE : n
=10pcs
SOLDERING CONDITION : 260
°C 10s
0.1
1
10 100 1k 10k 100k 1M 10M
−2.5
−2.0
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
2.5
2.0
−2.5
−2.0
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
2.5
2.0
0.1
1
10 100 1k 10k 100k 1M 10M
Fig.9 Rapid change of
temperature
RESISTANCE
(
Ω)
JIS C 5201-1 4.19
SAMPLE SIZE : n
=10pcs
−55°C / 125°C 5cyc
Fig.10 Damp heat, steady state
−4.0
−3.0
−2.0
−1.0
0.0
1.0
2.0
3.0
4.0
RESISTANCE
(
Ω)
JIS C 5201-1 4.24
SAMPLE SIZE : n
=10pcs
40
°C 93%RH WITH NO LOAD 1,000h
0.1
1
10 100 1k 10k 100k 1M 10M
Fig.11 Endurance at 70
°C
−4.0
−3.0
−2.0
−1.0
0.0
1.0
2.0
3.0
4.0
RESISTANCE
(
Ω)
0.1
1
10 100 1k 10k 100k 1M 10M
JIS C 5201-1 4.25.1
SAMPLE SIZE : n
=10pcs
70
°C 1,000h
OVERLOAD : THE RATED VOLTAGE
Fig.12 Endurance
−4.0
−3.0
−2.0
−1.0
0.0
1.0
2.0
3.0
4.0
RESISTANCE
(
Ω)
0.1
1
10 100 1k 10k 100k 1M 10M
JIS C 5201-1 4.25.3
SAMPLE SIZE : n
=10pcs
155
°C WITH NO LOAD 1,000h
Fig.13 Resistance to solvents
−2.0
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
2.0
RESISTANCE
(
Ω)
JIS C 5201-1 4.29
SAMPLE SIZE : n
=10pcs
IPA, 5min.
0.1
1
10 100 1k
10k 100k 1M 10M
Fig.14 Bend strength of
the end face plating
RESISTANCE
(
Ω)
0.1
1
10 100 1k
10k 100k 1M 10M
−2.5
−2.0
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
2.5
2.0
JIS C 5201-1 4.33
SAMPLE SIZE : n
=10pcs
ENDURANCE WITH 90mm WIDTH


Html Pages

1  2  3  4  5 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn