Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS7881IPFBR Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No. de pieza ADS7881IPFBR
Descripción Electrónicos  12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7881IPFBR Datasheet(HTML) 2 Page - Burr-Brown (TI)

  ADS7881IPFBR Datasheet HTML 1Page - Burr-Brown (TI) ADS7881IPFBR Datasheet HTML 2Page - Burr-Brown (TI) ADS7881IPFBR Datasheet HTML 3Page - Burr-Brown (TI) ADS7881IPFBR Datasheet HTML 4Page - Burr-Brown (TI) ADS7881IPFBR Datasheet HTML 5Page - Burr-Brown (TI) ADS7881IPFBR Datasheet HTML 6Page - Burr-Brown (TI) ADS7881IPFBR Datasheet HTML 7Page - Burr-Brown (TI) ADS7881IPFBR Datasheet HTML 8Page - Burr-Brown (TI) ADS7881IPFBR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
ADS7881
SLAS400B − SEPTEMBER 2003 − REVISED NOVEMBER 2005
www.ti.com
2
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to
damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION
MODEL
MAXIMUM
INTEGRAL
LINEARITY
(LSB)
MAXIMUM
DIFFERENTIAL
LINEARITY
(LSB)
NO MISSING
CODES AT
RESOLUTION
(BIT)
PACKAGE
TYPE
PACKAGE
DESIGNATOR
TEMPERATURE
RANGE
ORDERING
INFORMATION
TRANSPORT
MEDIA QUANTITY
±1
±1
12
48-Pin
PFB
−40
°C to 85°C
ADS7881IPFBT
Tape and reel
250
ADS7881
±1
±1
12
48-Pin
TQFP
PFB
−40
°C to 85°C
ADS7881IPFBR
Tape and reel
1000
ADS7881
±1
±1
12
48-Pin
RGZ
−40
°C to 85°C
ADS7881IRGZT
Tape and reel
250
±1
±1
12
48-Pin
QFN
RGZ
−40
°C to 85°C
ADS7881IRGZR
Tape and reel
2500
NOTE: For most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site
at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range(1)
UNIT
+IN to AGND
−0.3 V to +VA + 0.1 V
−IN to AGND
−0.3 V to 0.5 V
+VA to AGND
−0.3 V to 7 V
+VBD to BDGND
−0.3 V to 7 V
Digital input voltage to GND
−0.3 V to (+VBD + 0.3 V)
Digital output to GND
−0.3 V to (+VBD + 0.3 V)
Operating temperature range
−40
°C to 85°C
Storage temperature range
−65
°C to 150°C
Junction temperature (TJmax)
150
°C
TQFP and QFN packages
Power dissipation
(TJ Max–TA)/ θJA
TQFP and QFN packages
θJA Thermal impedance
86
°C/W
Lead temperature, soldering
Vapor phase (60 sec)
215
°C
Lead temperature, soldering
Infrared (15 sec)
220
°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.


Número de pieza similar - ADS7881IPFBR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS7881IPFBR TI-ADS7881IPFBR Datasheet
337Kb / 26P
[Old version datasheet]   12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7881IPFBR TI1-ADS7881IPFBR Datasheet
1Mb / 32P
[Old version datasheet]   4 MHz Sample Rate, 12-Bit Resolution High Speed Parallel Interface
More results

Descripción similar - ADS7881IPFBR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS7881 TI-ADS7881 Datasheet
337Kb / 26P
[Old version datasheet]   12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI1-ADS7882_14 Datasheet
1,021Kb / 30P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI-ADS7882 Datasheet
651Kb / 29P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891 TI1-ADS7891_15 Datasheet
994Kb / 31P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891IPFBT TI1-ADS7891IPFBT Datasheet
993Kb / 31P
[Old version datasheet]   14-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7890 TI-ADS7890 Datasheet
352Kb / 25P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7890 TI1-ADS7890_15 Datasheet
1,016Kb / 29P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891 TI-ADS7891 Datasheet
993Kb / 31P
[Old version datasheet]   14-BIT,3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883 TI1-ADS7883_14 Datasheet
1Mb / 20P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883 TI-ADS7883_08 Datasheet
645Kb / 17P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com