Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1298 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS1298
Descripción Electrónicos  Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

ADS1298 Datasheet(HTML) 3 Page - Texas Instruments

  ADS1298 Datasheet HTML 1Page - Texas Instruments ADS1298 Datasheet HTML 2Page - Texas Instruments ADS1298 Datasheet HTML 3Page - Texas Instruments ADS1298 Datasheet HTML 4Page - Texas Instruments ADS1298 Datasheet HTML 5Page - Texas Instruments ADS1298 Datasheet HTML 6Page - Texas Instruments ADS1298 Datasheet HTML 7Page - Texas Instruments ADS1298 Datasheet HTML 8Page - Texas Instruments ADS1298 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 76 page
background image
ADS1194, ADS1196
ADS1198
www.ti.com
SBAS471C
– APRIL 2010 – REVISED NOVEMBER 2011
ELECTRICAL CHARACTERISTICS
Minimum/maximum specifications apply from 0
°C to +70°C. Typical specifications are at +25°C.
All specifications at DVDD = 1.8V, AVDD
– AVSS = 3V, VREF = 2.4V, external fCLK = 2.048MHz, data rate = 500SPS, and
gain = 6, unless otherwise noted.
ADS1194, ADS1196, ADS1198
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUTS
Full-scale differential input voltage
±VREF/GAIN
V
(AINP
– AINN)
See the Input Common-Mode Range
Input common-mode range
subsection of the PGA Settings and Input
Range section
Input capacitance
20
pF
Input = 1.5V, TA = +25°C
±200
pA
Input bias current
Input = 1.5V TA = 0°C to +70°C
±1
nA
No lead-off
1000
M
DC input impedance
Current source lead-off detection
500
M
Pull-up resistor lead-off detection
10
M
PGA PERFORMANCE
Gain settings
1, 2, 3, 4, 6, 8, 12
Bandwidth
See Table 4
ADC PERFORMANCE
Resolution
No missing codes
16
Bits
Data rate
125
8000
SPS
CHANNEL PERFORMANCE
DC Performance
Gain = 6(1), 10 seconds of data
12.2
µVPP
Gain = 6, 256 points, 0.5 seconds of
Input-referred noise
12.6
µVPP
data
Gain settings other than 6
See Noise Measurements section
Integral nonlinearity
Full-scale with gain = 6, best fit
±1
LSB(2)
Offset error
±500
μV
Offset error drift
2
μV/°C
Gain error
Excluding voltage reference error
±0.2
±0.5
% of FS
Gain drift
Excluding voltage reference drift
5
ppm/
°C
Gain match between channels
0.3
% of FS
AC Performance
Common-mode rejection ratio (CMRR)
fCM = 50Hz, 60Hz
(3)
–100
–105
dB
Power-supply rejection ratio (PSRR)
fPS = 50Hz, 60Hz
85
dB
Crosstalk
fIN = 50Hz, 60Hz
–100
dB
Signal-to-noise ratio (SNR)
fIN = 10Hz input, gain = 6
97
dB
Total harmonic distortion (THD)
10Hz,
–0.5dBFs
–95
dB
DIGITAL FILTER
–3dB bandwidth
0.262fDR
Hz
Digital filter settling
Full setting
4
Conversions
(1)
Noise data measured in a 10-second interval. Test not performed in production. Input-referred noise is calculated with input shorted
(without electrode resistance) over a 10-second interval.
(2)
Input referred LSB in volts = (2
× VREF/(Gain*2
16)).
(3)
CMRR is measured with a common-mode signal of AVSS + 0.3V to AVDD
– 0.3V. The values indicated are the minimum of the eight
channels.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS1194 ADS1196 ADS1198


Número de pieza similar - ADS1298

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1298 TI-ADS1298 Datasheet
962Kb / 73P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1298 TI1-ADS1298 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1298 TI-ADS1298 Datasheet
964Kb / 75P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1298 TI1-ADS1298 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1298 TI-ADS1298 Datasheet
1Mb / 78P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results

Descripción similar - ADS1298

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1194 TI1-ADS1194_13 Datasheet
1Mb / 76P
[Old version datasheet]   Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1198 TI-ADS1198 Datasheet
1Mb / 73P
[Old version datasheet]   Low-Power 8-Channel 16-Bit Analog Front-End for Biopotential Measurements
ADS1294_1008 TI-ADS1294_1008 Datasheet
1Mb / 80P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_15 Datasheet
2Mb / 107P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_11 Datasheet
1Mb / 87P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1207 TI1-ADS1294_1207 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1110 TI-ADS1294_1110 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_14 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1191IRSMT TI1-ADS1191IRSMT Datasheet
1Mb / 67P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1191 TI1-ADS1191_14 Datasheet
1Mb / 68P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com