Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD74HC4067E Datasheet(PDF) 1 Page - Texas Instruments |
|
CD74HC4067E Datasheet(HTML) 1 Page - Texas Instruments |
1 / 17 page 1 Data sheet acquired from Harris Semiconductor SCHS209C Features • Wide Analog Input Voltage Range • Low “ON” Resistance -VCC = 4.5V. . . . . . . . . . . . . . . . . . . . . . . . . . . 70Ω (Typ) -VCC = 6V . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60Ω (Typ) • Fast Switching and Propagation Speeds • “Break-Before-Make” Switching. . . . . 6ns (Typ) at 4.5V • Available in Both Narrow and Wide-Body Plastic Packages • Fanout (Over Temperature Range) - Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads - Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads • Wide Operating Temperature Range . . . -55oC to 125oC • Balanced Propagation Delay and Transition Times • Significant Power Reduction Compared to LSTTL Logic ICs • HC Types - 2V to 6V Operation - High Noise Immunity: NIL = 30%, NIH = 30% of VCC at VCC = 5V • HCT Types - 4.5V to 5.5V Operation - Direct LSTTL Input Logic Compatibility, VIL= 0.8V (Max), VIH = 2V (Min) - CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH Description The CD74HC4067 and CD74HCT4067 devices are digitally controlled analog switches that utilize silicon-gate CMOS technology to achieve operating speeds similar to LSTTL, with the low power consumption of standard CMOS integrated circuits. These analog multiplexers/demultiplexers control analog voltages that may vary across the voltage supply range. They are bidirectional switches thus allowing any analog input to be used as an output and vice-versa. The switches have low “on” resistance and low “off” leakages. In addition, these devices have an enable control which when high will disable all switches to their “off” state. Pinout CD74HC4067 (PDIP, SOIC, SSOP) CD74HCT4067 (SOIC) TOP VIEW Ordering Information PART NUMBER TEMP. RANGE (oC) PACKAGE CD74HC4067E -55 to 125 24 Ld PDIP CD74HC4067M -55 to 125 24 Ld SOIC CD74HC4067M96 -55 to 125 24 Ld SOIC CD74HC4067SM96 -55 to 125 24 Ld SSOP CD74HCT4067M -55 to 125 24 Ld SOIC NOTE: When ordering, use the entire part number. The suffix 96 denotes tape and reel. 1 2 3 4 5 6 7 8 9 10 11 12 COMMON I7 I6 I5 I4 I3 I2 I1 I0 S0 S1 GND 16 17 18 19 20 21 22 23 24 15 14 13 VCC I9 I10 I11 I12 I14 E S2 S3 I8 I13 I15 INPUT/OUTPUT February 1998 - Revised July 2003 CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures. Copyright © 2003, Texas Instruments Incorporated CD74HC4067, CD74HCT4067 High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer [ /Title (CD74 HC406 7, CD74 HCT40 67) /Sub- ject (High- Speed CMOS |
Número de pieza similar - CD74HC4067E |
|
Descripción similar - CD74HC4067E |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |