Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM75BIMM-5 Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza LM75BIMM-5
Descripción Electrónicos  LM75C Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM75BIMM-5 Datasheet(HTML) 4 Page - Texas Instruments

  LM75BIMM-5 Datasheet HTML 1Page - Texas Instruments LM75BIMM-5 Datasheet HTML 2Page - Texas Instruments LM75BIMM-5 Datasheet HTML 3Page - Texas Instruments LM75BIMM-5 Datasheet HTML 4Page - Texas Instruments LM75BIMM-5 Datasheet HTML 5Page - Texas Instruments LM75BIMM-5 Datasheet HTML 6Page - Texas Instruments LM75BIMM-5 Datasheet HTML 7Page - Texas Instruments LM75BIMM-5 Datasheet HTML 8Page - Texas Instruments LM75BIMM-5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
LM75B, LM75C
SNIS153B – JULY 2009 – REVISED MARCH 2013
www.ti.com
Thermal
Package
Device Number
Resistance
Number
(
θJA)
LM75BIM-3, LM75BIM-5,
D (R-PDSO-G8)
200°C/W
LM75CIM-3, LM75CIM-5
LM75BIMM-3, LM75BIMM-5,
DGK (S-PDSO-
250°C/W
LM75CIMM-3, LM75CIMM-5
G8)
Temperature-to-Digital Converter Characteristics
(1)
Unless otherwise noted, these specifications apply for: +VS = +5 Vdc for LM75BIM-5, LM75BIMM-5, LM75CIM-5, and
LM75CIMM-5; and +VS = +3.3 Vdc for LM75BIM-3, LM75BIMM-3, LM75CIM-3, and LM75CIMM-3
(2). Boldface limits apply
for TA = TJ = TMIN to TMAX; all other limits TA = TJ = +25°C, unless otherwise noted.
Parameter
Conditions
Typical(3)
Limits(4)
Units (Limit)
TA = −25°C to +100°C
±2.0
Accuracy
°C (max)
TA = −55°C to +125°C
±3.0
Resolution
9
Bits
Temperature Conversion Time
See(5)
100
300
ms (max)
I2C Inactive
0.25
0.5
mA (max)
LM75B
Shutdown Mode, +VS = 3V
4
μA
Shutdown Mode, +VS = 5V
6
Quiescent Current
I2C Inactive
0.25
1.0
mA (max)
LM75C
Shutdown Mode, +VS = 3V
4
μA
Shutdown Mode, +VS = 5V
6
O.S. Output Saturation Voltage
IOUT = 4.0 mA
0.8
V (max)
(6)1
Conversion (min)
O.S. Delay
6
Conversions (max)
TOS Default Temperature
80
See(7)
°C
THYST Default Temperature
75
(1)
For best accuracy, minimize output loading. Higher sink currents can affect sensor accuracy with internal heating. This can cause an
error of 0.64°C at full rated sink current and saturation voltage based on junction-to-ambient thermal resistance.
(2)
All part numbers of the LM75 will operate properly over the +VS supply voltage range of 3V to 5.5V. The devices are tested and
specified for rated accuracy at their nominal supply voltage. Accuracy will typically degrade 1°C/V of variation in +VS as it varies from
the nominal value.
(3)
Typicals are at TA = 25°C and represent most likely parametric norm.
(4)
Limits are specified to AOQL (Average Outgoing Quality Level).
(5)
The conversion-time specification is provided to indicate how often the temperature data is updated. The LM75 can be accessed at any
time and reading the Temperature Register will yield result from the last temperature conversion. When the LM75 is accessed, the
conversion that is in process will be interrupted and it will be restarted after the end of the communication. Accessing the LM75
continuously without waiting at least one conversion time between communications will prevent the device from updating the
Temperature Register with a new temperature conversion result. Consequently, the LM75 should not be accessed continuously with a
wait time of less than 300 ms.
(6)
O.S. Delay is user programmable up to 6 “over limit” conversions before O.S. is set to minimize false tripping in noisy environments.
(7)
Default values set at power up.
4
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM75B LM75C


Número de pieza similar - LM75BIMM-5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM75BIMM-5 NSC-LM75BIMM-5 Datasheet
308Kb / 18P
   Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface
LM75BIMM-5 NSC-LM75BIMM-5 Datasheet
734Kb / 18P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Texas Instruments
LM75BIMM-5 TI-LM75BIMM-5 Datasheet
422Kb / 20P
[Old version datasheet]   LM75B LM75C Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
LM75BIMM-5 TI-LM75BIMM-5 Datasheet
1Mb / 31P
[Old version datasheet]   Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
logo
Maxim Integrated Produc...
LM75BIMM-5++ MAXIM-LM75BIMM-5+ Datasheet
270Kb / 12P
   Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
Rev 0; 3/09
More results

Descripción similar - LM75BIMM-5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM75CIM-5 TI-LM75CIM-5 Datasheet
422Kb / 20P
[Old version datasheet]   LM75B LM75C Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
LM75B TI-LM75B_15 Datasheet
1Mb / 31P
[Old version datasheet]   Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
logo
Global Mixed-mode Techn...
G751 GMT-G751_05 Datasheet
257Kb / 12P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
National Semiconductor ...
LM75 NSC-LM75 Datasheet
308Kb / 18P
   Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface
LM75 NSC-LM75_05 Datasheet
734Kb / 18P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Global Mixed-mode Techn...
G751-1P1 GMT-G751-1P1 Datasheet
268Kb / 11P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
G751 GMT-G751_15 Datasheet
63Kb / 1P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
List of Unclassifed Man...
G751 ETC-G751 Datasheet
160Kb / 10P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Texas Instruments
LM75A TI1-LM75A Datasheet
1Mb / 21P
[Old version datasheet]   LM75A Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
LM75A TI-LM75A_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM75A Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com