Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM4880 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM4880
Descripción Electrónicos  Dual 250 mW Audio Power Amplifier with Shutdown Mode
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM4880 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM4880 Datasheet HTML 7Page - Texas Instruments LM4880 Datasheet HTML 8Page - Texas Instruments LM4880 Datasheet HTML 9Page - Texas Instruments LM4880 Datasheet HTML 10Page - Texas Instruments LM4880 Datasheet HTML 11Page - Texas Instruments LM4880 Datasheet HTML 12Page - Texas Instruments LM4880 Datasheet HTML 13Page - Texas Instruments LM4880 Datasheet HTML 14Page - Texas Instruments LM4880 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LM4880
www.ti.com
SNAS103C – NOVEMBER 1995 – REVISED MAY 2013
AUTOMATIC SHUTDOWN CIRCUIT
As shown in Figure 3, the LM4880 can be set up to automatically shutdown when a load is not connected. This
circuit is based upon a single control pin common in many headphone jacks. This control pin forms a normally
closed switch with one of the output pins. The output of this circuit (the voltage on pin 5 of the LM4880) has two
states based on the state of the switch. When the switch is open, signifying that headphones are inserted, the
LM4880 should be enabled. When the switch is closed, the LM4880 should be off to minimize power
consumption.
The operation of this circuit is rather simple. With the switch closed, Rp and Ro form a resistor divider which
produces a gate voltage of less than 5 mV. This gate voltage keeps the NMOS inverter off and Rsd pulls the
shutdown pin of the LM4880 to the supply voltage. This places the LM4880 in shutdown mode which reduces the
supply current to 0.7
μA typically. When the switch is open, the opposite condition is produced. Resistor Rp pulls
the gate of the NMOS high which turns on the inverter and produces a logic low signal on the shutdown pin of
the LM4880. This state enables the LM4880 and places the amplifier in its normal mode of operation.
This type of circuit is clearly valuable in portable products where battery life is critical, but is also beneficial for
power conscious designs such as “Green PC's”.
AUTOMATIC SWITCHING CIRCUIT
A circuit closely related to Automatic Shutdown Circuit is Automatic Switching Circuit. Automatic Switching Circuit
utilizes both the input and output of the NMOS inverter to toggle the states of two different audio power
amplifiers. The LM4880 is used to drive stereo single ended loads, while the LM4861 drives bridged internal
speakers.
In this application, the LM4880 and LM4861 are never on at the same time. When the switch inside the
headphone jack is open, the LM4880 is enabled and the LM4861 is disabled since the NMOS inverter is on. If a
headphone jack is not present, it is assumed that the internal speakers should be on and thus the voltage on the
LM4861 shutdown pin is low and the voltage at the LM4880 pin is high. This results in the LM4880 being
shutdown and the LM4861 being enabled.
Only one channel of this circuit is shown in Figure 4 to keep the drawing simple but the typical application would
a LM4880 driving a stereo external headphone jack and two LM4861's driving the internal stereo speakers. If
only one internal speaker is required, a single LM4861 can be used as a summer to mix the left and right inputs
into a single mono channel.
PROPER SELECTION OF EXTERNAL COMPONENTS
Selection of external components when using integrated power amplifiers is critical to optimize device and
system performance. While the LM4880 is tolerant of external component combinations, care must be exercised
when choosing component values.
The LM4880 is unity-gain stable which gives a designer maximum system flexibility. The LM4880 should be used
in low gain configurations to minimize THD + N values, and maximize the signal to noise ratio. Low gain
configurations require large input signals to obtain a given output power. Input signals equal to or greater than 1
Vrms are available from sources such as audio codecs. Please refer to AUDIO POWER AMPLIFIER DESIGN for
a more complete explanation of proper gain selection.
Besides gain, one of the major design considerations is the closed-loop bandwidth of the amplifier. To a large
extent, the bandwidth is dictated by the choice of external components shown in Figure 2. Both the input
coupling capacitor, Ci, and the output coupling capacitor, Co, form first order high pass filters which limit low
frequency response. These values should be chosen based on needed frequency response for a few distinct
reasons.
Selection of Input and Output Capacitor Size
Large input and output capacitors are both expensive and space hungry for portable designs. Clearly a certain
sized capacitor is needed to couple in low frequencies without severe attenuation. But in many cases the
transducers used in portable systems, whether internal or external, have little ability to reproduce signals below
100 Hz–150 Hz. Thus using large input and output capacitors may not increase system performance.
Copyright © 1995–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM4880


Número de pieza similar - LM4880

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM4880 NSC-LM4880 Datasheet
375Kb / 12P
   Dual 250 mW Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4880 UTC-LM4880 Datasheet
151Kb / 10P
   DUAL 250m W AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4880 UTC-LM4880 Datasheet
285Kb / 11P
   DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4880 UTC-LM4880 Datasheet
401Kb / 12P
   DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4880-D08-T UTC-LM4880-D08-T Datasheet
285Kb / 11P
   DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
More results

Descripción similar - LM4880

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM4880 NSC-LM4880 Datasheet
375Kb / 12P
   Dual 250 mW Audio Power Amplifier with Shutdown Mode
logo
Texas Instruments
LM4862 TI-LM4862_15 Datasheet
936Kb / 18P
[Old version datasheet]   675 mW Audio Power Amplifier with Shutdown Mode
logo
National Semiconductor ...
LM4864 NSC-LM4864 Datasheet
342Kb / 10P
   300 mW Audio Power Amplifier with Shutdown Mode
LM4862 NSC-LM4862 Datasheet
262Kb / 10P
   675 mW Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4880 UTC-LM4880_07 Datasheet
285Kb / 11P
   DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4862M TI-LM4862M Datasheet
939Kb / 18P
[Old version datasheet]   LM4862 675 mW Audio Power Amplifier with Shutdown
logo
Unisonic Technologies
LM4880 UTC-LM4880_12 Datasheet
401Kb / 12P
   DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4880 UTC-LM4880_15 Datasheet
396Kb / 11P
   DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4881 TI-LM4881_15 Datasheet
476Kb / 15P
[Old version datasheet]   Dual 200 mW Headphone Amplifier with Shutdown Mode
logo
National Semiconductor ...
LM4881 NSC-LM4881 Datasheet
413Kb / 11P
   Dual 200 mW Headphone Amplifier with Shutdown Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com