Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM4040AIM3X-2.5 Datasheet(PDF) 3 Page - Texas Instruments |
|
|
LM4040AIM3X-2.5 Datasheet(HTML) 3 Page - Texas Instruments |
3 / 52 page LM4040-N, LM4040Q-N www.ti.com SNOS633H – OCTOBER 2000 – REVISED APRIL 2013 R8C (SOT-23 only) Reference, 8.192V, ±0.5% R0C (SOT-23 only) Reference, 10.000V, ±0.5% RJD Reference, 2.048V, ±1.0% R2D Reference, 2.500V, ±1.0% RKD Reference, 3.000V, ±1.0% R4D Reference, 4.096V, ±1.0% R5D Reference, 5.000V, ±1.0% R8D (SOT-23 only) Reference, 8.192V, ±1.0% R0D (SOT-23 only) Reference, 10.000V, ±1.0% RJE Reference, 2.048V, ±2.0% R2E Reference, 2.500V, ±2.0% RKE Reference, 3.000V, ±2.0% These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. Absolute Maximum Ratings (1) (2) Reverse Current 20 mA Forward Current 10 mA Power Dissipation (TA = 25°C) (3) SOT-23 (M3) Package 306 mW TO-92 (Z) Package 550 mW SC70 (M7) Package 241 mW Storage Temperature −65°C to +150°C Soldering Temperature(4) SOT-23 (M3) Package Peak Reflow (30 sec) +260°C TO-92 (Z) Package Soldering (10 sec) +260°C SC70 (M7) Package Peak Reflow (30 sec) +260°C ESD Susceptibility Human Body Model(5) 2 kV Machine Model(5) 200V (1) Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test conditions. (2) If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and specifications. (3) The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature), θJA (junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any temperature is PDmax = (TJmax − TA)/θJA or the number given in the Absolute Maximum Ratings, whichever is lower. For the LM4040-N, TJmax = 125°C, and the typical thermal resistance (θJA), when board mounted, is 326°C/W for the SOT-23 package, and 180°C/W with 0.4 ″ lead length and 170°C/W with 0.125″ lead length for the TO-92 package and 415°C/W for the SC70 Package. (4) For definitions of Peak Reflow Temperatures for Surface Mount devices, see the TI Absolute Maximum Ratings for Soldering Application Report (SNOA549). (5) The human body model is a 100 pF capacitor discharged through a 1.5 k Ω resistor into each pin. The machine model is a 200 pF capacitor discharged directly into each pin. Copyright © 2000–2013, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: LM4040-N LM4040Q-N |
Número de pieza similar - LM4040AIM3X-2.5 |
|
Descripción similar - LM4040AIM3X-2.5 |