Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM4132CMF-2.0 Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza LM4132CMF-2.0
Descripción Electrónicos  LM4132 SOT-23 Precision Low Dropout Voltage Reference
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM4132CMF-2.0 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM4132CMF-2.0 Datasheet HTML 5Page - Texas Instruments LM4132CMF-2.0 Datasheet HTML 6Page - Texas Instruments LM4132CMF-2.0 Datasheet HTML 7Page - Texas Instruments LM4132CMF-2.0 Datasheet HTML 8Page - Texas Instruments LM4132CMF-2.0 Datasheet HTML 9Page - Texas Instruments LM4132CMF-2.0 Datasheet HTML 10Page - Texas Instruments LM4132CMF-2.0 Datasheet HTML 11Page - Texas Instruments LM4132CMF-2.0 Datasheet HTML 12Page - Texas Instruments LM4132CMF-2.0 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
10
100
1k
10k
FREQUENCY (Hz)
0
2
4
6
8
10
12
14
16
NO COUT
-90
0
10
100
1k
10k
100k
FREQUENCY (Hz)
1M
-80
-70
-60
-50
-40
-30
-20
-10
NO COUT
COUT = 0.1 PF
2.2
2.7
3.2
3.7
4.2
4.7
5.2
1.7990
1.7985
1.7990
1.7995
1.8000
1.8005
1.8010
1.8015
1.8020
125
oC
25
oC
-40
oC
INPUT VOLTAGE (V)
0
2
4
6
8
10 12 14 16 18 20
LOAD CURRENT (mA)
1.7980
1.7985
1.7990
1.7995
1.8000
1.8005
1.8010
125
oC
25
oC
-40
oC
TEMPERATURE (
oC)
-40
-20
0
20
40
60
80
100 120
1.797
1.798
1.799
1.800
1.801
1.802
1.803
1.804
1.796
5 TYPICAL UNITS
LM4132
www.ti.com
SNVS372C – AUGUST 2005 – REVISED APRIL 2013
Typical Performance Characteristics for 1.8V
Output Voltage
vs
Temperature
Load Regulation
Figure 1.
Figure 2.
Line Regulation
0.1-10Hz Noise
Figure 3.
Figure 4.
Power Supply Rejection
vs
Output Voltage Noise Spectrum
Frequency
Figure 5.
Figure 6.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM4132


Número de pieza similar - LM4132CMF-2.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM4132CMF-2.0 NSC-LM4132CMF-2.0 Datasheet
863Kb / 15P
   SOT-23 Precision Low Dropout Voltage Reference
LM4132CMF-2.0 NSC-LM4132CMF-2.0 Datasheet
1Mb / 20P
   SOT-23 Precision Low Dropout Voltage Reference
logo
Texas Instruments
LM4132CMF-2.0/NOPB TI1-LM4132CMF-2.0/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   LM4132, LM4132-Q1 SOT-23 Precision Low Dropout Voltage Reference
LM4132CMF-2.0/NOPB TI1-LM4132CMF-2.0/NOPB Datasheet
784Kb / 36P
[Old version datasheet]   SOT-23 Precision Low Dropout Voltage Reference
More results

Descripción similar - LM4132CMF-2.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM4132 TI-LM4132_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM4132/LM4132-Q1 SOT-23 Precision Low Dropout Voltage Reference
LM4132 TI1-LM4132_16 Datasheet
1Mb / 40P
[Old version datasheet]   LM4132, LM4132-Q1 SOT-23 Precision Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4132 NSC-LM4132 Datasheet
863Kb / 15P
   SOT-23 Precision Low Dropout Voltage Reference
LM4132 NSC-LM4132_06 Datasheet
1Mb / 20P
   SOT-23 Precision Low Dropout Voltage Reference
logo
Texas Instruments
LM4132_016 TI1-LM4132_016 Datasheet
784Kb / 36P
[Old version datasheet]   SOT-23 Precision Low Dropout Voltage Reference
logo
Linear Technology
LT1790 LINER-LT1790_15 Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
LT1790BIS6-2.5TRPBF LINER-LT1790BIS6-2.5TRPBF Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
LT1790BCS6 LINER-LT1790BCS6 Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
LT1790 LINER-LT1790 Datasheet
297Kb / 24P
   Micropower SOT-23 Low Dropout Reference Family
logo
Analog Devices
ADR318 AD-ADR318_15 Datasheet
484Kb / 12P
   Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com