Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC33064DM-5R2 Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza MC33064DM-5R2
Descripción Electrónicos  Undervoltage Sensing Circuit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33064DM-5R2 Datasheet(HTML) 3 Page - ON Semiconductor

  MC33064DM-5R2 Datasheet HTML 1Page - ON Semiconductor MC33064DM-5R2 Datasheet HTML 2Page - ON Semiconductor MC33064DM-5R2 Datasheet HTML 3Page - ON Semiconductor MC33064DM-5R2 Datasheet HTML 4Page - ON Semiconductor MC33064DM-5R2 Datasheet HTML 5Page - ON Semiconductor MC33064DM-5R2 Datasheet HTML 6Page - ON Semiconductor MC33064DM-5R2 Datasheet HTML 7Page - ON Semiconductor MC33064DM-5R2 Datasheet HTML 8Page - ON Semiconductor MC33064DM-5R2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MC34064, MC33064, NCV33064
http://onsemi.com
3
Figure 2. Reset Output Voltage versus
Input Voltage
Figure 3. Reset Output Voltage versus
Input Voltage
Figure 4. Comparator Threshold Voltage
versus Temperature
Figure 5. Input Current versus Input Voltage
Figure 6. Reset Output Saturation versus
Sink Current
Figure 7. Reset Delay Time
Vin, INPUT VOLTAGE (V)
10
8.0
6.0
4.0
2.0
0
0
2.0
4.0
6.0
8.0
10
RL = 10 k to Vin
TA = 25°C
Vin, INPUT VOLTAGE (V)
5.0
4.0
3.0
2.0
1.0
0
4.560
4.580
4.600
4.620
4.640
RL = 10 k to Vin
TA = 25°C
TA, AMBIENT TEMPERATURE (°C)
4.630
4.620
4.610
4.600
4.590
4.580
4.570
-55
-25
0
25
50
75
100
125
RL = 10 k to Vin
Upper Threshold
High State Output
Lower Threshold
Low State Output
Vin, INPUT VOLTAGE (V)
1.0
0.8
0.6
0.4
0.2
0
0
2.0
4.0
6.0
8.0
10
TA = +25°C
-40
°C
TA = +25°C
+85
°C
-40
°C
ISink, SINK CURRENT (mA)
2.0
1.5
1.0
0.5
0
01020
30
40
Vin = 4.0 V
TA = 85°C
TA = 25°C
TA = -40°C
90%
5.0 V -
4.0 V -
10%
+85
°C
Reset
Vin
5.0V
4.0V
REF
10k
200 ns/DIV
Reset
Vin
Vin = 5.0 V to 4.0 V
RL = 10 k
TA = 25°C


Número de pieza similar - MC33064DM-5R2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC33064DM-5R2 ONSEMI-MC33064DM-5R2 Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
MC33064DM-5R2G ONSEMI-MC33064DM-5R2G Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
MC33064DM-5R2G ONSEMI-MC33064DM-5R2G Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
More results

Descripción similar - MC33064DM-5R2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
MC34064 ONSEMI-MC34064 Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
logo
Microsemi Corporation
MC33064 MICROSEMI-MC33064_04 Datasheet
328Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
MC33064 MICROSEMI-MC33064 Datasheet
150Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
logo
Motorola, Inc
MC34064 MOTOROLA-MC34064 Datasheet
147Kb / 8P
   Undervoltage sensing circuit
logo
Texas Instruments
LM8365 TI1-LM8365 Datasheet
1Mb / 22P
[Old version datasheet]   Micropower Undervoltage-Sensing Circuit
logo
Microsemi Corporation
MC33164-3 MICROSEMI-MC33164-3 Datasheet
126Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
MC33164 MICROSEMI-MC33164 Datasheet
159Kb / 7P
   5V UNDERVOLTAGE SENSING CIRCUIT
MC33164-3 MICROSEMI-MC33164-3_05 Datasheet
277Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
logo
List of Unclassifed Man...
MC341643DM ETC2-MC341643DM Datasheet
278Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com