Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MCCA000636 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

No. de Pieza. MCCA000636
Descripción  High Voltage Capacitors
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo 

MCCA000636 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
HV MLCC
Page <8>
17/04/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Part Number Table
Description
Size Inch
(mm)
Dielectric Capacitance Tolerance
Rated
Voltage
(VDC)
Termination Part Number
Capacitor, 1206, NP0, 2,000 V, 3.3 pF
1206
(3216)
NP0
(C0G)
3.3 pF
±0.25 pF
2,000 V
Cu / Ni / Sn
MCCA000730
Capacitor, 1206, NP0, 2,000 V, 4.7 pF
4.7 pF
MCCA000731
Capacitor, 1206, NP0, 2,000 V, 6.8 pF
6.8 pF
MCCA000732
Capacitor, 1206, NP0, 2,000 V, 10 pF
10 pF
±5%
MCCA000733
Capacitor, 1206, NP0, 2,000 V, 15 pF
15 pF
MCCA000734
Capacitor, 1206, NP0, 2,000 V, 22 pF
22 pF
MCCA000735
Capacitor, 1206, NP0, 2,000 V, 33 pF
33 pF
MCCA000736
Capacitor, 1206, NP0, 2,000 V, 47 pF
47 pF
MCCA000737
Capacitor, 1206, NP0, 2,000 V, 68 pF
68 pF
MCCA000738
Capacitor, 1206, NP0, 2,000 V, 100 pF
100 pF
MCCA000739
Capacitor, 1206, NP0, 2,000 V, 150 pF
150 pF
MCCA000740
Capacitor, 1206, NP0, 2,000 V, 220 pF
220 pF
MCCA000741
Capacitor, 1206, X7R, 200 V, 150 pF
X7R
150 pF
±10%
200 V
MCCA000742
Capacitor, 1206, X7R, 200 V, 220 pF
220 pF
MCCA000743
Capacitor, 1206, X7R, 200 V, 330 pF
330 pF
MCCA000744
Capacitor, 1206, X7R, 200 V, 470 pF
470 pF
MCCA000745
Capacitor, 1206, X7R, 200 V, 680 pF
680 pF
MCCA000746
Capacitor, 1206, X7R, 200 V, 1 nF
1 nF
MCCA000747
Capacitor, 1206, X7R, 200 V, 1.5 nF
1.5 nF
MCCA000748
Capacitor, 1206, X7R, 200 V, 2.2 nF
2.2 nF
MCCA000749
Capacitor, 1206, X7R, 200 V, 3.3 nF
3.3 nF
MCCA000750
Capacitor, 1206, X7R, 200 V, 4.7 nF
4.7 nF
MCCA000751
Capacitor, 1206, X7R, 200 V, 6.8 nF
6.8 nF
MCCA000752
Capacitor, 1206, X7R, 200 V, 10 nF
10 nF
MCCA000753
Capacitor, 1206, X7R, 200 V, 33 nF
33 nF
MCCA000754
Capacitor, 1206, X7R, 200 V, 47 nF
47 nF
MCCA000755
Capacitor, 1206, X7R, 200 V, 68 nF
68 nF
MCCA000756
Capacitor, 1206, X7R, 200 V, 100 nF
100 nF
MCCA000757
Capacitor, 1206, X7R, 630 V, 150 pF
150 pF
630 V
MCCA000758
Capacitor, 1206, X7R, 630 V, 220 pF
220 pF
MCCA000759
Capacitor, 1206, X7R, 630 V, 330 pF
330 pF
MCCA000760
Capacitor, 1206, X7R, 630 V, 470 pF
470 pF
MCCA000761


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn