Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL3695DRE4 Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza TL3695DRE4
Descripción Electrónicos  DIFFERENTIAL BUS TRANSCEIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TL3695DRE4 Datasheet(HTML) 2 Page - Texas Instruments

  TL3695DRE4 Datasheet HTML 1Page - Texas Instruments TL3695DRE4 Datasheet HTML 2Page - Texas Instruments TL3695DRE4 Datasheet HTML 3Page - Texas Instruments TL3695DRE4 Datasheet HTML 4Page - Texas Instruments TL3695DRE4 Datasheet HTML 5Page - Texas Instruments TL3695DRE4 Datasheet HTML 6Page - Texas Instruments TL3695DRE4 Datasheet HTML 7Page - Texas Instruments TL3695DRE4 Datasheet HTML 8Page - Texas Instruments TL3695DRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TL3695
DIFFERENTIAL BUS TRANSCEIVER
SLLS044D − NOVEMBER 1988 − REVISED DECEMBER 1999
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
SMALL OUTLINE
(D)
PLASTIC DIP
(P)
0
°C to 70°C
TL3695D
TL3695P
The D package is available taped and reeled. Add the suffix R
to device type (e.g., TL3695DR).
Function Tables
DRIVER
INPUT
ENABLE
OUTPUTS
INPUT
D
ENABLE
DE
A
B
H
H
H
L
L
H
L
H
X
L
Z
Z
H = high level, L = low level, ? = indeterminate,
X = irrelevant, Z = high impedance (off)
RECEIVER
DIFFERENTIAL INPUTS
ENABLE
OUTPUT
DIFFERENTIAL INPUTS
A − B
ENABLE
RE
OUTPUT
R
VID ≥ 0.2 V
L
H
− 0.2 V < VID < 0.2 V
L
?
VID ≤ − 0.2 V
L
L
X
H
Z
Inputs open
L
H
H = high level, L = low level, ? = indeterminate, X = irrelevant,
Z = high impedance (off)
logic symbol
This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
EN1
3
DE
EN2
2
A
6
1
B
7
1
R
1
2
4
D
RE
logic diagram (positive logic)
2
B
7
A
6
1
R
3
DE
4
D
Bus
RE


Número de pieza similar - TL3695DRE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL3695D TI-TL3695D Datasheet
195Kb / 14P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results

Descripción similar - TL3695DRE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN65ALS1176 TI-SN65ALS1176 Datasheet
166Kb / 12P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_07 Datasheet
335Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176A-EP TI1-SN65LBC176A-EP Datasheet
410Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Linear Technology
LTC1485 LINER-LTC1485_15 Datasheet
188Kb / 12P
   Differential Bus Transceiver
logo
Texas Instruments
SN65LBC176-Q1 TI1-SN65LBC176-Q1 Datasheet
791Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Burr-Brown (TI)
ISO422 BURR-BROWN-ISO422 Datasheet
251Kb / 8P
   DIFFERENTIAL BUS TRANSCEIVER
logo
Texas Instruments
SN65LBC182 TI-SN65LBC182 Datasheet
290Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176QDRQ1 TI1-SN65LBC176QDRQ1 Datasheet
741Kb / 14P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_01 Datasheet
189Kb / 13P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_08 Datasheet
456Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com