Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS7A80xxyyyz Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza TPS7A80xxyyyz
Descripción Electrónicos  Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1A Linear Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A80xxyyyz Datasheet(HTML) 5 Page - Texas Instruments

  TPS7A80xxyyyz Datasheet HTML 1Page - Texas Instruments TPS7A80xxyyyz Datasheet HTML 2Page - Texas Instruments TPS7A80xxyyyz Datasheet HTML 3Page - Texas Instruments TPS7A80xxyyyz Datasheet HTML 4Page - Texas Instruments TPS7A80xxyyyz Datasheet HTML 5Page - Texas Instruments TPS7A80xxyyyz Datasheet HTML 6Page - Texas Instruments TPS7A80xxyyyz Datasheet HTML 7Page - Texas Instruments TPS7A80xxyyyz Datasheet HTML 8Page - Texas Instruments TPS7A80xxyyyz Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
IN
EN
NR
OUT
GND
Current
Limit
Thermal
Shutdown
UVLO
1.20V
Bandgap
225kW
Quick-Start
Adjustable
0.8V
33kW
58.7kW
33kW
FB
15pF
TPS7A8001
EN
NR
GND
Current
Limit
Thermal
Shutdown
UVLO
1.20V
Bandgap
225kW
Quick-Start
V
>1.6V
OUT
V
1.6V
£
OUT
0.8V
33kW
58.7kW
2.5 A
m
33kW
SNS
15pF
TPS7A80xx
IN
OUT
TPS7A80xx
www.ti.com
SBVS135H – JUNE 2010 – REVISED JANUARY 2013
FUNCTIONAL BLOCK DIAGRAMS
Figure 1. Fixed Voltage Versions
Figure 2. Adjustable Voltage Version
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5


Número de pieza similar - TPS7A80xxyyyz

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7A80XX TI-TPS7A80XX Datasheet
1Mb / 20P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
TPS7A80xx TI-TPS7A80xx Datasheet
1Mb / 24P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR,Low-Dropout 1A Linear Regulator
TPS7A80XX TI-TPS7A80XX_1 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR,Low-Dropout 1A Linear Regulator
More results

Descripción similar - TPS7A80xxyyyz

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7A8001 TI-TPS7A8001_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS7A8001 Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1A Linear Regulator
TPS7A80XX TI-TPS7A80XX Datasheet
1Mb / 20P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
TPS7A80XX TI-TPS7A80XX_1 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR,Low-Dropout 1A Linear Regulator
TPS7A80 TI1-TPS7A80 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
TPS7A8101 TI1-TPS7A8101 Datasheet
990Kb / 24P
[Old version datasheet]   Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
logo
Richtek Technology Corp...
RTQ2510-QA RICHTEK-RTQ2510-QA Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
RT2519W RICHTEK-RT2519W Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
logo
Texas Instruments
TPS717XX TI-TPS717XX_08 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71701 TI-TPS71701 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX_1 Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com