Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS70148PWPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS70148PWPR
Descripción Electrónicos  Dual-Output Low-Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70148PWPR Datasheet(HTML) 4 Page - Texas Instruments

  TPS70148PWPR Datasheet HTML 1Page - Texas Instruments TPS70148PWPR Datasheet HTML 2Page - Texas Instruments TPS70148PWPR Datasheet HTML 3Page - Texas Instruments TPS70148PWPR Datasheet HTML 4Page - Texas Instruments TPS70148PWPR Datasheet HTML 5Page - Texas Instruments TPS70148PWPR Datasheet HTML 6Page - Texas Instruments TPS70148PWPR Datasheet HTML 7Page - Texas Instruments TPS70148PWPR Datasheet HTML 8Page - Texas Instruments TPS70148PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
www.ti.com
(3)
If VO ≤ 1.8V then VImax = 6V, VImin = 2.7V:
Line Reg. (mV)
+ (% V)
V
O
V
Imax
*2.7V
100
1000
If VO ≥ 2.5V then VImax = 6V, VImin = VO + 1V:
Line Reg. (mV)
+ (% V)
V
O
V
Imax* VO)1V
100
1000
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
TPS70145, TPS70148
TPS70151, TPS70158
TPS70102
SLVS222D – DECEMBER 1999 – REVISED NOVEMBER 2004
Over operating temperature range (unless otherwise noted)
MIN
MAX
UNIT
Input voltage, VI(1)
2.7
6
V
Output current, IO (regulator 1)
0
500
mA
Output current, IO (regulator 2)
0
250
mA
Output voltage range (for adjustable option)
1.22
5.5
V
Operating junction temperature, TJ
-40
+125
°C
(1)
To calculate the minimum input voltage for maximum output current, use the following equation: VI(min) = VO(max) + VDO(max load).
Over recommended operating junction temperature range (T
J = -40°C to +125°C), VIN1 or VIN2 = VOUT(nom) + 1V, IO = 1mA,
EN = 0, C
O = 33µF, (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reference
2.7V < VI < 6V,
FB connected to VO
1.22
voltage
TJ = 25°C
2.7V < VI < 6V,
FB connected to VO
1.196
1.244
1.2V Output
2.7V < VI < 6V,
TJ = 25°C
1.2
2.7V < VI < 6V,
1.176
1.224
1.5V Output
2.7V < VI < 6V,
TJ = 25°C
1.5
Output
2.7V < VI < 6V,
1.47
1.53
VO
V
voltage (1),(2)
1.8V Output
2.7V < VI < 6V,
TJ = 25°C
1.8
2.7V < VI < 6V,
1.764
1.836
2.5V Output
2.7V < VI < 6V,
TJ = 25°C
2.5
2.7V < VI < 6V,
2.45
2.55
3.3V Output
2.7V < VI < 6V,
TJ = 25°C
3.3
2.7V < VI < 6V,
3.234
3.366
Quiescent current (GND current) for
(2)
TJ = 25°C
190
µA
regulator 1 and regulator 2, EN = 0V(1)
(2)
230
Output voltage line regulation (
∆VO/VO)
VO + 1V < VI≤ 6V,
TJ = 25°C(1)
0.01%
V
for regulator 1 and regulator 2 (3)
VO + 1V < VI≤ 6V
(1)
0.1%
Load regulation for VOUT 1 and VOUT2
TJ = 25°C
(2)
1
mV
Vn
Output noise
Regulator 1
65
BW 300Hz to 50kHz,
CO = 33µF, TJ = 25°C
µVRMS
voltage
Regulator 2
65
Regulator 1
1.6
1.9
Output current limit
VOUT = 0V
A
Regulator 2
0.750
1
Thermal shutdown junction temperature
150
°C
EN = VI,
TJ = 25°C
1
Regulator 1
µA
EN = VI
3
II
Standby
(standby) current
EN = VI,
TJ = 25°C
1
Regulator 2
µA
EN = VI
3
PSRR
Power-supply ripple rejec-
f = 1kHz, CO = 33µF,
TJ = 25°C(1)
dB
60
tion
(1)
Minimum input operating voltage is 2.7V or VO(typ) + 1V, whichever is greater. Maximum input voltage = 6 V, minimum output
current = 1mA.
(2)
IO = 1mA to 500mA for Regulator 1 and 1mA to 250mA for Regulator 2.
4


Número de pieza similar - TPS70148PWPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS70148PWPR TI1-TPS70148PWPR Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70148PWPR TI-TPS70148PWPR Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
REVISED AUGUST 2010
TPS70148PWPRG4 TI1-TPS70148PWPRG4 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70148PWPRG4 TI-TPS70148PWPRG4 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
REVISED AUGUST 2010
More results

Descripción similar - TPS70148PWPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS70745 TI1-TPS70745_16 Datasheet
892Kb / 40P
[Old version datasheet]   Dual-Output, Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70751 TI-TPS70751_15 Datasheet
831Kb / 40P
[Old version datasheet]   Dual-Output, Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70145 TI1-TPS70145_16 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70745 TI-TPS70745 Datasheet
505Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70345-EP TI1-TPS70345-EP_16 Datasheet
976Kb / 33P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70145 TI-TPS70145 Datasheet
523Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70345 TI-TPS70345 Datasheet
575Kb / 35P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70345-EP TI1-TPS70345-EP Datasheet
937Kb / 32P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70358M TI1-TPS70358M Datasheet
837Kb / 32P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70145 TI-TPS70145_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
REVISED AUGUST 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com