Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM09B-ZESS-TB Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza SM09B-ZESS-TB
Descripción Electrónicos  1.5mm pitch/Disconnectable Crimp style connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

SM09B-ZESS-TB Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SM09B-ZESS-TB Datasheet HTML 1Page - List of Unclassifed Manufacturers SM09B-ZESS-TB Datasheet HTML 2Page - List of Unclassifed Manufacturers SM09B-ZESS-TB Datasheet HTML 3Page - List of Unclassifed Manufacturers SM09B-ZESS-TB Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
ZE CONNECTOR
Contact
Housing
Circuit No.1 mark
A
5.7
B
1.5
5.7
A
B
Circuit No.1 mark
5.7
A
B
1.5
Circuit No.1 mark
Circuits
Model No.
Dimensions (mm)
A
B
Material
1.5
3.0
4.5
6.0
7.5
9.0
10.5
12.0
13.5
15.0
16.5
18.0
19.5
21.0
22.5
5.0
6.3
7.8
9.3
10.8
12.3
13.8
15.3
16.8
18.3
19.8
21.3
22.8
24.3
25.8
6,000
6,000
5,000
3,000
3,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
1,500
1,500
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
ZER-02V-S
ZER-03V-S
ZER-04V-S
ZER-05V-S
ZER-06V-S
ZER-07V-S
ZER-08V-S
ZER-09V-S
ZER-10V-S
ZER-11V-S
ZER-12V-S
ZER-13V-S
ZER-14V-S
ZER-15V-S
ZER-16V-S
PBT, UL94V-0, natural
Q’ty/
bag
1.3
0.8
2.7
2.9
6.2
1.0
0.54
Material and Finish
Model No.
Applicable wire
Q’ty/
reel
mm2
AWG#
Insulation O.D.
(mm)
Copper alloy, tin-plated (reflow treatment)
SZE-002T-P0.3
SZE-003T-P0.3
26∼24
28∼26
0.13∼0.21
0.08∼0.13
1.0∼1.2
0.8∼1.0
16,000
16,000
RoHS compliance
RoHS compliance
A
B
1.5
5.7
Circuit No.1 mark
Contact
Crimping
machine
AP-K2N
AP-K2N
MKS-L
MKS-L
MK/SZE-002-03
MK/SZE-003-03
Applicator
Crimp applicator
Dies
APLMK SZE002-03
APLMK SZE003-03
Crimp applicator with dies
SZE-002T-P0.3
SZE-003T-P0.3
〈2 circuits〉〈3, 4 circuits〉
〈5 to 9 circuits〉〈10 to 16 circuits〉
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
ZER-02V-S
S…natural Z…ivory E…blue K…black O…orange R…red
Y…yellow M…green N…brown L…lemon yellow
TR…tomato red MG…moss green DP…dark purple
DH…dark gray DO…dark orange LE…light blue PK…pink
FY…vivid yellow DRK…dark pink


Número de pieza similar - SM09B-ZESS-TB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
JST Mfg. Co., Ltd.
SM09B-GEZS-TB JST-SM09B-GEZS-TB Datasheet
123Kb / 3P
   1.25 mm pitch竊뢈isconnectable Crimp style connectors
logo
List of Unclassifed Man...
SM09B-GHS-TB ETC2-SM09B-GHS-TB Datasheet
93Kb / 2P
   1.25mm pitch/Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SM09B-GHS-TB JST-SM09B-GHS-TB Datasheet
842Kb / 5P
   1.25 mm pitch/Disconnectable Crimp style connectors
SM09B-NSHSS-TB JST-SM09B-NSHSS-TB Datasheet
638Kb / 4P
   NSH CONNECTOR 1.0 mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
SM09B-SRSS-TB ETC1-SM09B-SRSS-TB Datasheet
71Kb / 3P
   Disconnectable Insulation displacement connectors
More results

Descripción similar - SM09B-ZESS-TB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
B2B-ZRLFSN ETC2-B2B-ZRLFSN Datasheet
112Kb / 3P
   1.5mm pitch/Disconnectable Crimp style connectors
ZHR-8 ETC2-ZHR-8 Datasheet
163Kb / 4P
   1.5mm pitch/Disconnectable Crimp style connectors
S6B-ZR-SM4A ETC-S6B-ZR-SM4A Datasheet
163Kb / 4P
   1.5mm pitch/Disconnectable Crimp style connectors
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
   Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
   Disconnectable Crimp style connectors
B3B-ZR ETC2-B3B-ZR Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com