Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2030P Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2030P
Descripción Electrónicos  POWER-DISTRIBUTION SWITCHES
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2030P Datasheet(HTML) 4 Page - Texas Instruments

  TPS2030P Datasheet HTML 1Page - Texas Instruments TPS2030P Datasheet HTML 2Page - Texas Instruments TPS2030P Datasheet HTML 3Page - Texas Instruments TPS2030P Datasheet HTML 4Page - Texas Instruments TPS2030P Datasheet HTML 5Page - Texas Instruments TPS2030P Datasheet HTML 6Page - Texas Instruments TPS2030P Datasheet HTML 7Page - Texas Instruments TPS2030P Datasheet HTML 8Page - Texas Instruments TPS2030P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATING TABLE
RECOMMENDED OPERATING CONDITIONS
TPS2030, TPS2031
TPS2032, TPS2033, TPS2034
SLVS190C – DECEMBER 1998 – REVISED OCTOBER 2007
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
VI(IN)
(2)
Input voltage range
–0.3 to 6
V
VO(OUT)
(2)
Output voltage range
–0.3 to VI(IN) + 0.3
V
VI(EN)
Input voltage range
–0.3 to 6
V
IO(OUT)
Continuous output current
Internally limited
Continuous total power dissipation
See Dissipation Rating Table
TJ
Operating virtual junction temperature range
–40 to 125
°C
Tstg
Storage temperature range
–65 to 150
°C
Human body model
2
kV
ESD
Electrostatic discharge protection:
Machine model
200
V
Charged device model (CDM)
750
V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to GND.
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
D
725 mW
5.8 mW
°C
464 mW
377 mW
P
1175 mW
9.4 mW
°C
752 mW
611 mW
MIN
MAX
UNIT
VI(IN)
2.7
5.5
V
Input voltage
VI(EN)
0
5.5
V
TPS2030
0
0.2
TPS2031
0
0.6
IO
Continuous output current
TPS2032
0
1
A
TPS2033
0
1.5
TPS2034
0
2
TJ
Operating virtual junction temperature
–40
125
°C
4
Submit Documentation Feedback
Copyright © 1998–2007, Texas Instruments Incorporated
Product Folder Link(s): TPS2030 TPS2031 TPS2032 TPS2033 TPS2034


Número de pieza similar - TPS2030P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2030P TI-TPS2030P Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results

Descripción similar - TPS2030P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2041DR TI-TPS2041DR Datasheet
578Kb / 25P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030-Q1 TI1-TPS2030-Q1 Datasheet
436Kb / 24P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Lowpower Semiconductor ...
LPW5202 POWER-LPW5202 Datasheet
372Kb / 8P
   Power Distribution Switches
logo
Texas Instruments
TPS2090 TI1-TPS2090_16 Datasheet
1Mb / 26P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com