Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2205IDFR Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza TPS2205IDFR
Descripción Electrónicos  DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2205IDFR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2205IDFR Datasheet HTML 3Page - Texas Instruments TPS2205IDFR Datasheet HTML 4Page - Texas Instruments TPS2205IDFR Datasheet HTML 5Page - Texas Instruments TPS2205IDFR Datasheet HTML 6Page - Texas Instruments TPS2205IDFR Datasheet HTML 7Page - Texas Instruments TPS2205IDFR Datasheet HTML 8Page - Texas Instruments TPS2205IDFR Datasheet HTML 9Page - Texas Instruments TPS2205IDFR Datasheet HTML 10Page - Texas Instruments TPS2205IDFR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
TPS2205
DUALSLOT PC CARD POWERINTERFACE SWITCH
FOR PARALLEL PCMCIA CONTROLLERS
SLVS128E OCTOBER 1995 − REVISED JANUARY 2001
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, TA = 25°C, VI(5V) = 5 V (unless otherwise noted)
dc characteristics
PARAMETER
TEST CONDITIONS
TPS2205Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
5 V to xVCC
103
3.3 V to xVCC
VI(5V) = 5 V,
VI(3.3 V) = 3.3 V
69
m
Switch resistances§
3.3 V to xVCC
VI(5V) = 0,
VI(3.3V) = 3.3 V
96
m
Switch resistances§
5 V to xVPP
4.74
3.3 V to xVPP
4.74
12 V to xVPP
0.724
VO(xVPP)
Clamp low voltage
Ipp at 10 mA
0.275
V
VO(xVCC)
Clamp low voltage
ICC at 10 mA
0.275
V
Ilkg
Leakage current
Ipp High-impedance state
TA = 25°C
1
A
Ilkg
Leakage current
ICC High-impedance state
TA = 25°C
1
µA
II
Input current
VI(5V) = 5 V
VO(AVCC) = VO(BVCC) = 5 V,
VO(AVPP) = VO(BVPP) = 12 V
117
A
II
Input current
VI(5V) = 0,
VI(3.3V) = 3.3 V
VO(AVCC) = VO(BVCC) = 3.3 V,
VO(AVPP) = VO(BVPP) = 0
131
µA
§ Pulse-testing techniques are used to maintain junction temperature close to ambient temperature; thermal effects must be taken into account
separately.
switching characteristics†‡
PARAMETER
TEST CONDITIONS
TPS2205Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr
Output rise time
VO(xVCC)
1.2
tr
Output rise time
VO(xVPP)
5
ms
tf
Output fall time
VO(xVCC)
10
ms
tf
Output fall time
VO(xVPP)
14
VI(x_VPP_PGM) to VO(xVPP)
ton
4.4
ms
VI(x_VPP_PGM) to VO(xVPP)
toff
18
ms
VI(x_VCC5) to xVCC (3.3 V), VI(5V) = 5 V
ton
6.5
ms
tpd
Propagation delay (see Figure 1)
VI(x_VCC5) to xVCC (3.3 V), VI(5V) = 5 V
toff
20
ms
tpd
Propagation delay (see Figure 1)
VI(x_VCC5) to xVCC (5 V)
ton
5.7
ms
VI(x_VCC5) to xVCC (5 V)
toff
25
ms
VI(x_VCC5) to xVCC (3.3 V), VI(5V) = 0
ton
6.6
ms
VI(x_VCC5) to xVCC (3.3 V), VI(5V) = 0
toff
21
ms
† Refer to Parameter Measurement Information
‡ Switching Characteristics are with CL = 150 µF.


Número de pieza similar - TPS2205IDFR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2205 TI-TPS2205 Datasheet
463Kb / 28P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2205DAP TI-TPS2205DAP Datasheet
463Kb / 28P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2205DB TI-TPS2205DB Datasheet
463Kb / 28P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2205DF TI-TPS2205DF Datasheet
463Kb / 28P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
More results

Descripción similar - TPS2205IDFR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2205 TI-TPS2205 Datasheet
463Kb / 28P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211 TI-TPS2211 Datasheet
323Kb / 22P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211A TI-TPS2211A Datasheet
454Kb / 19P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211 TI1-TPS2211_12 Datasheet
661Kb / 23P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211A TI1-TPS2211A_16 Datasheet
879Kb / 28P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2201IDFR TI-TPS2201IDFR Datasheet
922Kb / 25P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR PARALLEL PCMCIA CONTROLLERS
TPS2201 TI-TPS2201 Datasheet
478Kb / 23P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR PARALLEL PCMCIA CONTROLLERS
TPS2214 TI-TPS2214 Datasheet
351Kb / 26P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2216 TI-TPS2216 Datasheet
371Kb / 27P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2228 TI-TPS2228 Datasheet
175Kb / 23P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com