Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2811D Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2811D
Descripción Electrónicos  DUAL HIGH-SPEED MOSFET DRIBERS
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2811D Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2811D Datasheet HTML 2Page - Texas Instruments TPS2811D Datasheet HTML 3Page - Texas Instruments TPS2811D Datasheet HTML 4Page - Texas Instruments TPS2811D Datasheet HTML 5Page - Texas Instruments TPS2811D Datasheet HTML 6Page - Texas Instruments TPS2811D Datasheet HTML 7Page - Texas Instruments TPS2811D Datasheet HTML 8Page - Texas Instruments TPS2811D Datasheet HTML 9Page - Texas Instruments TPS2811D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
TPS2811, TPS2812, TPS2813, TPS2814, TPS2815
DUAL HIGHSPEED MOSFET DRIVERS
SLVS132F − NOVEMBER 1995 − REVISED OCTOBER 2004
6
www.ti.com
regulator (TPS2811/2812/2813 only)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Output voltage
14
≤ REG_IN ≤ 40 V, 0 ≤ IO ≤ 20 mA
10
11.5
13
V
Output voltage in dropout
IO = 10 mA,
REG_IN = 10 V
9
9.6
V
† Typicals are for TA = 25°C unless otherwise noted.
supply current
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Supply current into VCC
Inputs high or low
0.2
5
µA
Supply current into REG_IN
REG_IN = 20 V,
REG_OUT open
40
100
µA
† Typicals are for TA = 25°C unless otherwise noted.
TPS28xxY electrical characteristics at TA = 25°C, VCC = 10 V, REG_IN open for TPS2811/12/13,
CL = 1 nF (unless otherwise noted)
inputs
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = 5 V
3.3
V
Positive-going input threshold voltage
VCC = 10 V
5.8
V
Positive-going input threshold voltage
VCC = 14 V
8.2
V
VCC = 5 V
1.6
V
Negative-going input threshold voltage
VCC = 10 V
3.3
V
Negative-going input threshold voltage
VCC = 14 V
4.2
V
Input hysteresis
VCC = 5 V
1.2
V
Input current
Inputs = 0 V or VCC
0.2
µA
Input capacitance
5
pF
outputs
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-level output voltage
IO = −1 mA
9.9
V
High-level output voltage
IO = −100 mA
9.1
V
Low-level output voltage
IO = 1 mA
0.18
V
Low-level output voltage
IO = 100 mA
1
V
Peak output current
VCC = 10.5 V
2
A
regulator (TPS2811, 2812, 2813)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output voltage
14
≤ REG_IN ≤ 40 V, 0 ≤ IO ≤ 20 mA
11.5
V
Output voltage in dropout
IO = 10 mA,
REG_IN = 10 V
9.6
V
power supply current
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply current into VCC
Inputs high or low
0.2
µA
Supply current into REG_IN
REG_IN = 20 V,
REG_OUT open
40
µA


Número de pieza similar - TPS2811D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2811D TI-TPS2811D Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
More results

Descripción similar - TPS2811D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
MAX232NG4 TI1-MAX232NG4 Datasheet
581Kb / 17P
[Old version datasheet]   DUAL ELA-232 DRIBERS/RECEIVERS
logo
Intersil Corporation
ISL55110 INTERSIL-ISL55110 Datasheet
311Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Supertex, Inc
MD1210 SUTEX-MD1210_07 Datasheet
532Kb / 7P
   High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110IRZ INTERSIL-ISL55110IRZ Datasheet
475Kb / 18P
   Dual, High Speed MOSFET Driver
January 29, 2015
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
   HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
logo
Supertex, Inc
MD1213 SUTEX-MD1213 Datasheet
708Kb / 7P
   High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110IVZ-T INTERSIL-ISL55110IVZ-T Datasheet
434Kb / 18P
   Dual, High Speed MOSFET Driver
ISL55110 INTERSIL-ISL55110_11 Datasheet
413Kb / 15P
   Dual, High Speed MOSFET Driver
logo
ON Semiconductor
MC34152 ONSEMI-MC34152_14 Datasheet
176Kb / 12P
   High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com