Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2223APWPG4 Datasheet(PDF) 21 Page - Texas Instruments

No. de pieza TPS2223APWPG4
Descripción Electrónicos  CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2223APWPG4 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS2223APWPG4 Datasheet HTML 17Page - Texas Instruments TPS2223APWPG4 Datasheet HTML 18Page - Texas Instruments TPS2223APWPG4 Datasheet HTML 19Page - Texas Instruments TPS2223APWPG4 Datasheet HTML 20Page - Texas Instruments TPS2223APWPG4 Datasheet HTML 21Page - Texas Instruments TPS2223APWPG4 Datasheet HTML 22Page - Texas Instruments TPS2223APWPG4 Datasheet HTML 23Page - Texas Instruments TPS2223APWPG4 Datasheet HTML 24Page - Texas Instruments TPS2223APWPG4 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
www.ti.com
RESET INPUT
CALCULATING JUNCTION TEMPERATURE
P
D +
r
DS(on)
I2
T
J +
P
D
R
q
JA )
T
A
where:
RθJA is the inverse of the derating factor given in the dissipation rating table.
LOGIC INPUTS AND OUTPUTS
TPS2220A, TPS2223A
TPS2224A, TPS2226A
SLVS428E – MAY 2002 – REVISED MSRCH 2008
0.1-
µF ceramic capacitor. It is strongly recommended that the switched outputs be bypassed with a 0.1-µF (or
larger) ceramic capacitor; doing so improves the immunity of the IC to electrostatic discharge (ESD). Care should
be taken to minimize the inductance of PCB traces between the devices and the load. High switching currents
can produce large negative voltage transients, which forward biases substrate diodes, resulting in unpredictable
performance. Similarly, no pin should be taken below -0.3 V.
To ensure that cards are in a known state after power brownouts or system initialization, the PC Cards should be
reset at the same time as the host by applying low-impedance paths from xVCC and xVPP terminals to ground.
A low-impedance output state allows discharging of residual voltage remaining on PC Card filter capacitance,
permitting the system (host and PC Cards) to be powered up concurrently. The active low RESET input closes
internal ground switches S1, S4, S7, and S11 with all other switches left open. The TPS2220A, TPS2223A,
TPS2224A, and TPS2226A remain in the low-impedance output state until the signal is de-asserted and further
data is clocked in and latched. The input serial data cannot be latched during reset mode. RESET is provided for
direct compatibility with systems that use an active-low reset voltage supervisor. The RESET pin has an internal
150-k
Ω pullup resistor.
The switch resistance, rDS(on), is dependent on the junction temperature, TJ, of the die. The junction temperature
is dependent on both rDS(on) and the current through the switch. To calculate TJ, first find rDS(on) from Figure 26
through Figure 28, using an initial temperature estimate about 30
°C above ambient. Then, calculate the power
dissipation for each switch, using the formula:
Next, sum the power dissipation of all switches and calculate the junction temperature:
Compare the calculated junction temperature with the initial temperature estimate. If the temperatures are not
within a few degrees of each other, recalculate using the calculated temperature as the initial estimate.
The serial interface consists of the DATA, CLOCK, and LATCH leads. The data is clocked in on the positive
edge of the clock (see Figure 2). The 11-bit (D0-D10) serial data word is loaded during the positive edge of the
latch signal. The positive edge of the latch signal should occur before the next positive edge of the clock occurs.
The serial interface of the device is compatible with serial-interface PCMCIA controllers.
An overcurrent output (OC) is provided to indicate an overcurrent or overtemperature condition in any of the
xVCC and xVPP outputs as previously discussed.
Copyright © 2002–2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TPS2220A TPS2223A TPS2224A TPS2226A


Número de pieza similar - TPS2223APWPG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2223APWP TI-TPS2223APWP Datasheet
447Kb / 29P
[Old version datasheet]   CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2223APWPRG4 TI-TPS2223APWPRG4 Datasheet
447Kb / 29P
[Old version datasheet]   CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results

Descripción similar - TPS2223APWPG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2220A TI-TPS2220A Datasheet
447Kb / 29P
[Old version datasheet]   CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2223 TI-TPS2223 Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2220B TI-TPS2220B Datasheet
428Kb / 27P
[Old version datasheet]   POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
logo
Maxim Integrated Produc...
MAX1601 MAXIM-MAX1601 Datasheet
190Kb / 16P
   Dual-Channel CardBus and PCMCIA Power Switches with SMBus??Serial Interface
19-1085; Rev 1; 10/96
logo
Texas Instruments
TPS2202 TI-TPS2202 Datasheet
455Kb / 21P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
logo
List of Unclassifed Man...
G571 ETC-G571 Datasheet
151Kb / 11P
   Single-Slot PCMCIA/CardBus Power Controllers
logo
Global Mixed-mode Techn...
G576 GMT-G576 Datasheet
271Kb / 12P
   Dual-Slot PCMCIA/CardBus Power Controllers
logo
Micrel Semiconductor
MIC2564A MICREL-MIC2564A_04 Datasheet
125Kb / 14P
   Dual Serial PCMCIA/CardBus Power Controller
logo
Texas Instruments
TPS2214A TI1-TPS2214A_14 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2223 TI1-TPS2223_16 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com