Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS60110PWPRG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS60110PWPRG4
Descripción Electrónicos  REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60110PWPRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS60110PWPRG4 Datasheet HTML 3Page - Texas Instruments TPS60110PWPRG4 Datasheet HTML 4Page - Texas Instruments TPS60110PWPRG4 Datasheet HTML 5Page - Texas Instruments TPS60110PWPRG4 Datasheet HTML 6Page - Texas Instruments TPS60110PWPRG4 Datasheet HTML 7Page - Texas Instruments TPS60110PWPRG4 Datasheet HTML 8Page - Texas Instruments TPS60110PWPRG4 Datasheet HTML 9Page - Texas Instruments TPS60110PWPRG4 Datasheet HTML 10Page - Texas Instruments TPS60110PWPRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
TPS60110
REGULATED 5V 300mA LOW NOISE
CHARGE PUMP DC/DC CONVERTER
SLVS215C − JUNE 1999 − REVISED AUGUST 2008
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 11
5.03
5.02
5.01
02
4
5.04
OUTPUT VOLTAGE
vs
TIME
5.05
610
t − Time −
µs
V(SKIP) = 0 V
VIN = 3.6 V
IO = 150 mA
CO = 22 µF + 10 µF
X5R ceramic
Constant
Frequency
Mode
8
Figure 12
5.03
5.01
4.99
010
20
30
5.05
OUTPUT VOLTAGE
vs
TIME
5.07
40
50
t − Time −
µs
V(SKIP) = VIN
VIN = 3.6 V
IO = 150 mA
Pulse-Skip Mode
Figure 13
5.01
400
200
0
0
2
4
6
8
10
12
5.02
5.04
t − Time − ms
LOAD TRANSIENT RESPONSE
5.05
14
16
18
20
600
5.03
V(SKIP) = 0 V
VIN = 3.6 V
IO = 10 mA to 300 mA
Constant
Frequency
Mode
Figure 14
5
400
200
0
0
2
4
6
8
10
12
5.02
5.06
t − Time − ms
LOAD TRANSIENT RESPONSE
5.08
14
16
18
20
600
5.04
V(SKIP) = VIN = 3.6 V
IO = 10 mA to 300 mA
Pulse-Skip Mode
†TC = 25°C, VCOM = VSYNC = 0 V, CIN = 15 µF, C1F = C2F = 2.2 µF, CO = 33 µF, unless otherwise noted


Número de pieza similar - TPS60110PWPRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS60110PWP TI-TPS60110PWP Datasheet
291Kb / 20P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
More results

Descripción similar - TPS60110PWPRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS60110 TI-TPS60110 Datasheet
291Kb / 20P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60111 TI-TPS60111 Datasheet
278Kb / 19P
[Old version datasheet]   REGULATED 5-V 150-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100_15 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI1-TPS60100_16 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60101 TI-TPS60101 Datasheet
330Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100 Datasheet
348Kb / 22P
[Old version datasheet]   REGULATED 3.3 V 200-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
logo
ON Semiconductor
CAT3200 ONSEMI-CAT3200 Datasheet
196Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
May, 2010 ??Rev. 13
logo
HEXIN SEMICONDUCTOR.
HX4004A HEXIN-HX4004A Datasheet
225Kb / 9P
   Low Noise, Regulated Charge Pump DC/DC Converter
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2_14 Datasheet
129Kb / 9P
   Low Noise Regulated Charge Pump DC-DC Converter
September, 2014 ??Rev. 5
logo
SHOUDING Shouding Semic...
SD6210A SHOUDING-SD6210A Datasheet
1Mb / 7P
   Low Noise Regulated Charge Pump DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com