Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61043DRB Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza TPS61043DRB
Descripción Electrónicos  CONSTANT CURRENT LED DRIVER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61043DRB Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS61043DRB Datasheet HTML 4Page - Texas Instruments TPS61043DRB Datasheet HTML 5Page - Texas Instruments TPS61043DRB Datasheet HTML 6Page - Texas Instruments TPS61043DRB Datasheet HTML 7Page - Texas Instruments TPS61043DRB Datasheet HTML 8Page - Texas Instruments TPS61043DRB Datasheet HTML 9Page - Texas Instruments TPS61043DRB Datasheet HTML 10Page - Texas Instruments TPS61043DRB Datasheet HTML 11Page - Texas Instruments TPS61043DRB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
www.ti.com
0.0
0.5
1.0
1.5
2.0
2.5
3.0
1.8
2.4
3.0
3.6
4.2
4.8
5.4
6.0
VI - Input Voltage - V
TA = 25°C
0
5
10
15
20
0
20
40
60
80
100
Duty Cycle - %
fPWM = 100 Hz
fPWM = 50 kHz
fPWM = 25 kHz
50ms/Div
Vout
10V/Div
CTRL
1V/Div
Input Current
100mA/Div
2.5ms/Div
Vsw
5V/Div
LED Current
20mA/Div
Vout
500mV/Div
2.5ms/Div
Vsw
5V/Div
LED Current
20mA/Div
Vout
50mV/Div
25ms/Div
Vsw
5V/Div
LED Current
20mA/Div
Vout
500mV/Div
TPS61043
SLVS465A – DECEMBER 2003 – REVISED DECEMBER 2003
rds(on) LED Switch (Q2)
Average LED Current
vs
vs
Input Voltage
PWM Duty Cycle on CTRL Pin
Figure 10.
Figure 11.
Softstart
PFM Operation
Figure 12.
Figure 13.
Bust Mode Operation
PWM Dimming
Figure 14.
Figure 15.
8


Número de pieza similar - TPS61043DRB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61043DRB TI-TPS61043DRB Datasheet
516Kb / 21P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
TPS61043DRBR TI1-TPS61043DRBR Datasheet
1Mb / 31P
[Old version datasheet]   Constant Current LED Driver
TPS61043DRBRG4 TI1-TPS61043DRBRG4 Datasheet
1Mb / 31P
[Old version datasheet]   Constant Current LED Driver
TPS61043DRBT TI1-TPS61043DRBT Datasheet
1Mb / 31P
[Old version datasheet]   Constant Current LED Driver
TPS61043DRBTG4 TI1-TPS61043DRBTG4 Datasheet
1Mb / 31P
[Old version datasheet]   Constant Current LED Driver
More results

Descripción similar - TPS61043DRB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
408Kb / 10P
   Constant Current LED Driver
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
Diodes Incorporated
AL5890 DIODES-AL5890 Datasheet
824Kb / 17P
   Constant Current LED Driver
logo
First Silicon Co., Ltd
FC2082G FS-FC2082G Datasheet
1Mb / 12P
   LED CONSTANT CURRENT DRIVER
logo
DIWELL Electronics Co.,...
SLE-24 DIWELL-SLE-24 Datasheet
418Kb / 9P
   Constant Current LED Driver
2012/07/19
CALE-48 DIWELL-CALE-48 Datasheet
444Kb / 7P
   Constant Current LED Driver
2016/09/23
logo
Texas Instruments
TPS61043 TI-TPS61043 Datasheet
516Kb / 21P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
ON Semiconductor
CAT4004A ONSEMI-CAT4004A_11 Datasheet
165Kb / 11P
   Constant Current LED Driver
June, 2011 ??Rev. 2
logo
Protek Devices
PA5110 PROTEC-PA5110 Datasheet
178Kb / 7P
   Constant Current LED Driver.
logo
DIWELL Electronics Co.,...
CLE-12 DIWELL-CLE-12 Datasheet
1Mb / 8P
   Constant Current LED Driver
2016/09/12
logo
Rohm
BD1754HFN ROHM-BD1754HFN_15 Datasheet
1Mb / 21P
   Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com