Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61012DGS Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS61012DGS
Descripción Electrónicos  HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61012DGS Datasheet(HTML) 4 Page - Texas Instruments

  TPS61012DGS Datasheet HTML 1Page - Texas Instruments TPS61012DGS Datasheet HTML 2Page - Texas Instruments TPS61012DGS Datasheet HTML 3Page - Texas Instruments TPS61012DGS Datasheet HTML 4Page - Texas Instruments TPS61012DGS Datasheet HTML 5Page - Texas Instruments TPS61012DGS Datasheet HTML 6Page - Texas Instruments TPS61012DGS Datasheet HTML 7Page - Texas Instruments TPS61012DGS Datasheet HTML 8Page - Texas Instruments TPS61012DGS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
www.ti.com
FUNCTIONAL BLOCK DIAGRAMS
fixed output voltage versions TPS61011 to TPS61016
_
+
UVLO
Control Logic
Oscillator
Gate Drive
Current Sense,
Current Limit, Slope
Compensation
_
+
Antiringing
Comparator
and Switch
_
+
Bandgap
Reference
Bias
Control
ADEN
Error
Amplifier
_
+
COUT
VOUT
FB
COMP
GND
SW
L1
CIN
VBAT
EN
ADEN
LBI
LBO
ADEN
VREF
Error
Comparator
TPS61010, TPS61011
TPS61012, TPS61013
TPS61014, TPS61015, TPS61016
SLVS314D – SEPTEMBER 2000 – REVISED JUNE 2005
ELECTRICAL CHARACTERISTICS (continued)
over recommended operating free-air temperature range, VBAT = 1.2 V, EN = VBAT (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
EN and ADEN input high
VIH
0.8 V < VBAT < 3.3 V
0.8
×VBAT
V
voltage
EN and ADEN input current
EN and ADEN = GND or VBAT
0.01
0.03
µA
VBAT/SW
31
46
Quiescent current into pins
Iq
IL = 0 mA, VEN = VI
µA
VBAT/SW and VOUT
VO
5
8
Shutdown current from
Ioff
VEN = 0 V, ADEN = VBAT, TA= 25°C
1
3
µA
power source
4


Número de pieza similar - TPS61012DGS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61012DGS TI-TPS61012DGS Datasheet
459Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
More results

Descripción similar - TPS61012DGS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61010 TI-TPS61010 Datasheet
459Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
TPS61010 TI-TPS61010_15 Datasheet
989Kb / 36P
[Old version datasheet]   TPS6101x High-Efficiency, 1-Cell and 2-Cell Boost Converters
logo
Fitipower Integrated Te...
FP6711 FITIPOWER-FP6711 Datasheet
678Kb / 13P
   High-Efficiency, 1-Cell and 2-Cell Boost Converter
logo
Maxim Integrated Produc...
MAX1678 MAXIM-MAX1678 Datasheet
166Kb / 12P
   1-Cell to 2-Cell, Low-Noise, High-Efficiency, Step-Up DC-DC Converter
Rev 0; 7/98
logo
Linear Technology
LTC3128 LINER-LTC3128 Datasheet
230Kb / 6P
   High Efficiency 2-Cell Supercapacitor Charger and Balancer Converter
LTC3625-1 LINER-LTC3625-1_15 Datasheet
272Kb / 16P
   1A High Efficiency 2-Cell Supercapacitor Charger with Automatic Cell Balancing
LTC3625 LINER-LTC3625_15 Datasheet
272Kb / 16P
   1A High Efficiency 2-Cell Supercapacitor Charger with Automatic Cell Balancing
logo
Maxim Integrated Produc...
MAX17058 MAXIM-MAX17058_13 Datasheet
2Mb / 16P
   1-Cell/2-Cell Li ModelGauge ICs
Rev 4; 6/13
MAX17058 MAXIM-MAX17058 Datasheet
2Mb / 16P
   1-Cell/2-Cell Li ModelGauge ICs
Rev 1; 4/12
logo
Intersil Corporation
ISL9220AIRTZ-T7A INTERSIL-ISL9220AIRTZ-T7A Datasheet
515Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com