Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS7348QDG4 Datasheet(PDF) 1 Page - Texas Instruments |
|
TPS7348QDG4 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 45 page TPS7301Q, TPS7325Q, TPS7330Q, TPS7333Q, TPS7348Q, TPS7350Q LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION SLVS124F – JUNE 1995 – REVISED JANUARY 1999 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Available in 2.5-V, 3-V, 3.3-V, 4.85-V, and 5-V Fixed-Output and Adjustable Versions D Integrated Precision Supply-Voltage Supervisor Monitoring Regulator Output Voltage D Active-Low Reset Signal with 200-ms Pulse Width D Very Low Dropout Voltage ...Maximum of 35 mV at IO = 100 mA (TPS7350) D Low Quiescent Current – Independent of Load . . . 340 µA Typ D Extremely Low Sleep-State Current, 0.5 µA Max D 2% Tolerance Over Full Range of Load, Line, and Temperature for Fixed-Output Versions§ D Output Current Range of 0 mA to 500 mA D TSSOP Package Option Offers Reduced Component Height For Critical Applications description The TPS73xx devices are members of a family of micropower low-dropout (LDO) voltage regulators. They are differentiated from the TPS71xx and TPS72xx LDOs by their integrated delayed microprocessor-reset function. If the precision delayed reset is not required, the TPS71xx and TPS72xx should be considered.¶ AVAILABLE OPTIONS OUTPUT VOLTAGE (V) NEGATIVE-GOING RESET THRESHOLD VOLTAGE (V) PACKAGED DEVICES CHIP FORM TJ MIN TYP MAX MIN TYP MAX SMALL OUTLINE (D) PLASTIC DIP (P) TSSOP (PW) CHIP FORM (Y) 4.9 5 5.1 4.55 4.65 4.75 TPS7350QD TPS7350QP TPS7350QPW TPS7350Y 4.75 4.85 4.95 4.5 4.6 4.7 TPS7348QD TPS7348QP TPS7348QPW TPS7348Y 40 °Cto 3.23 3.3 3.37 2.868 2.934 3 TPS7333QD TPS7333QP TPS7333QPW TPS7333Y – 40 °C to 125 °C 2.94 3 3.06 2.58 2.64 2.7 TPS7330QD TPS7330QP TPS7330QPW TPS7330Y 125 C 2.425 2.5 2.575 2.23 2.32 2.39 TPS7325QD TPS7325QP TPS7325QPW TPS7325Y Adjustable 1.2 V to 9.75 V 1.101 1.123 1.145 TPS7301QD TPS7301QP TPS7301QPW TPS7301Y The D and PW packages are available taped and reeled. Add an R suffix to device type (e.g., TPS7350QDR). The TPS7301Q is programmable using an external resistor divider (see application information). The chip form is tested at 25 °C. § The TPS7325 has a tolerance of ±3% over the full temperature range. ¶ The TPS71xx and the TPS72xx are 500-mA and 250-mA output regulators respectively, offering performance similar to that of the TPS73xx but without the delayed-reset function. The TPS72xx devices are further differentiated by availability in 8-pin thin-shrink small-outline packages (TSSOP) for applications requiring minimum package size. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. Copyright © 1999, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 GND GND GND NC NC EN NC IN IN IN RESET NC NC FB‡ NC SENSE† OUT OUT NC NC PW PACKAGE (TOP VIEW) NC – No internal connection † SENSE – Fixed voltage options only (TPS7325, TPS7330, TPS7333, TPS7348, and TPS7350) ‡ FB – Adjustable version only (TPS7301) 1 2 3 4 8 7 6 5 GND EN IN IN RESET SENSE†/FB‡ OUT OUT D OR P PACKAGE (TOP VIEW) |
Número de pieza similar - TPS7348QDG4 |
|
Descripción similar - TPS7348QDG4 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |