Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS65023RSB Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza TPS65023RSB
Descripción Electrónicos  POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65023RSB Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS65023RSB Datasheet HTML 4Page - Texas Instruments TPS65023RSB Datasheet HTML 5Page - Texas Instruments TPS65023RSB Datasheet HTML 6Page - Texas Instruments TPS65023RSB Datasheet HTML 7Page - Texas Instruments TPS65023RSB Datasheet HTML 8Page - Texas Instruments TPS65023RSB Datasheet HTML 9Page - Texas Instruments TPS65023RSB Datasheet HTML 10Page - Texas Instruments TPS65023RSB Datasheet HTML 11Page - Texas Instruments TPS65023RSB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
TPS65023, TPS65023B
SLVS670J
– JUNE 2006 – REVISED SEPTEMBER 2011
www.ti.com
ELECTRICAL CHARACTERISTICS
VINDCDC1 = VINDCDC2 = VINDCDC3 = VCC = VINLDO = 3.6 V, VBACKUP = 3 V, TA = –40°C to 85°C, typical values are
at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDCDC2 STEP-DOWN CONVERTER
VI
Input voltage range, VINDCDC2
2.5
6
V
DEFDCDC2 = GND
1200
IO
Maximum output current
mA
VINDCDC2 = 3.6 V;
1000
3.3 V - 1%
≤ VDCDC2 ≤ 3.3V + 1%
I(SD)
Shutdown supply current in VINDCDC2
DCDC2_EN = GND
0.1
1
μA
rDS(on)
P-channel MOSFET on-resistance
VINDCDC2 = V(GS) = 3.6 V
140
300
m
Ilkg
P-channel leakage current
VINDCDC2 = 6 V
2
μA
rDS(on)
N-channel MOSFET on-resistance
VINDCDC2 = V(GS) = 3.6 V
150
297
m
Ilkg
N-channel leakage current
V(DS) = 6 V
7
10
μA
Forward current limit (P-channel and
ILIMF
2.5 V
< VINDCDC2 < 6 V
1.74
1.94
2.12
A
N-channel)
fS
Oscillator frequency
1.95
2.25
2.55
MHz
VINDCDC2 = 2.5 V to 6 V;
VDCDC2 = 1.8 V
–2
2
0 mA
≤ IO ≤ 1.2 A
Fixed output voltage
%
FPWMDCDC2=0
VINDCDC2 = 3.7 V to 6 V;
VDCDC2 = 3.3 V
–1
1
0 mA
≤ IO ≤ 1.2 A
VINDCDC2 = 2.5 V to 6 V;
VDCDC2 = 1.8 V
–2
2
0 mA
≤ IO ≤ 1.2 A
Fixed output voltage
%
FPWMDCDC2=1
VINDCDC2 = 3.7 V to 6 V;
VDCDC2 = 3.3 V
–1
1
0 mA
≤ IO ≤ 1.2 A
Adjustable output voltage with resistor
VINDCDC2 = VDCDC2 + 0.3 V (min 2.5 V) to 6
–2%
2%
divider at DEFDCDC2 FPWMDCDC2=0
V; 0 mA
≤ IO ≤ 1 A
Adjustable output voltage with resistor
VINDCDC2 = VDCDC2 + 0.3 V (min 2.5 V) to 6
–1%
1%
divider at DEFDCDC2; FPWMDCDC2=1
V; 0 mA
≤ IO ≤ 1 A
VINDCDC2 = VDCDC2 + 0.3 V (min. 2.5 V) to 6
Line Regulation
0
%/V
V; IO = 10 mA
Load Regulation
IO = 10 mA to 1000 mA
0.25
%/A
tStart
Start-up time
Time from active EN to start switching
145
175
200
µs
tRamp
VOUT ramp-up time
Time to ramp from 5% to 95% of VOUT
400
750
1000
μs
Internal resistance from L2 to GND
1
M
VDCDC2 discharge resistance
DCDC2 discharge =1
300
8
Submit Documentation Feedback
Copyright
© 2006–2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS65023 TPS65023B


Número de pieza similar - TPS65023RSB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65023RSB TI-TPS65023RSB Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023RSB TI-TPS65023RSB Datasheet
214Kb / 9P
[Old version datasheet]   High-Integration, High-Efficiency Power Solution Using DC/DC Converters With DVFS
More results

Descripción similar - TPS65023RSB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
TPS65022 TI-TPS65022 Datasheet
1Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250 TI-TPS650250 Datasheet
1Mb / 35P
[Old version datasheet]   Power Management IC for Li-Ion Powered Systems
TPS65022 TI1-TPS65022_16 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC for Li-Ion Powered Systems
TPS65023-Q1 TI1-TPS65023-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250-Q1 TI1-TPS650250-Q1 Datasheet
919Kb / 32P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650231 TI-TPS650231_10 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com