Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS65023RSBR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS65023RSBR
Descripción  POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
Descarga  55 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS65023RSBR Datasheet(HTML) 9 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
TPS65023, TPS65023B
www.ti.com
SLVS670J
– JUNE 2006 – REVISED SEPTEMBER 2011
ELECTRICAL CHARACTERISTICS
VINDCDC1 = VINDCDC2 = VINDCDC3 = VCC = VINLDO = 3.6 V, VBACKUP = 3 V, TA = –40°C to 85°C, typical values are
at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDCDC3 STEP-DOWN CONVERTER
VI
Input voltage range, VINDCDC3
2.5
6
V
DEFDCDC3 = GND
1000
IO
Maximum output current
mA
VINDCDC3 = 3.6 V;
525
3.3V - 1%
≤ VDCDC3 ≤ 3.3V + 1%
I(SD)
Shutdown supply current in VINDCDC3
DCDC3_EN = GND
0.1
1
μA
rDS(on)
P-channel MOSFET on-resistance
VINDCDC3 = V(GS) = 3.6 V
310
698
m
Ilkg
P-channel leakage current
VINDCDC3 = 6 V
0.1
2
μA
rDS(on)
N-channel MOSFET on-resistance
VINDCDC3 = V(GS) = 3.6 V
220
503
m
Ilkg
N-channel leakage current
V(DS) = 6 V
7
10
μA
Forward current limit (P-channel and
2.5 V
< VINDCDC3 < 6 V
1.28
1.49
1.69
A
N-channel)
fS
Oscillator frequency
1.95
2.25
2.55
MHz
VINDCDC3 = 2.5 V to 6 V;
VDCDC3 = 1.8V
–2
2
0 mA
≤ IO ≤ 1 A
Fixed output voltage
%
FPWMDCDC3=0
VINDCDC3 = 3.6 V to 6 V;
VDCDC3 = 3.3V
–1
1
0 mA
≤ IO ≤ 1 A
VINDCDC3 = 2.5 V to 6 V;
VDCDC3 = 1.8V
–2
2
0 mA
≤ IO ≤ 1 A
Fixed output voltage
%
FPWMDCDC3=1
VINDCDC3 = 3.6 V to 6 V;
VDCDC3 = 3.3V
–1
1
0 mA
≤ IO ≤ 1 A
Adjustable output voltage with resistor
VINDCDC3 = VDCDC3 + 0.5 V (min 2.5 V) to 6
–2%
2%
divider at DEFDCDC3 FPWMDCDC3=0
V; 0 mA
≤ IO ≤ 800 mA
Adjustable output voltage with resistor
VINDCDC3 = VDCDC3 + 0.5 V (min 2.5 V) to 6
–1%
1%
divider at DEFDCDC3; FPWMDCDC3=1
V; 0 mA
≤ IO ≤ 800 mA
VINDCDC3 = VDCDC3 + 0.3 V (min. 2.5 V) to 6
Line Regulation
0
%/V
V; IO = 10 mA
Load Regulation
IO = 10 mA to 1000 mA
0.25
%/A
tStart
Start-up time
Time from active EN to start switching
145
175
200
µs
tRamp
VOUT ramp-up time
Time to ramp from 5% to 95% of VOUT
400
750
1000
μs
Internal resistance from L3 to GND
1
M
VDCDC3 discharge resistance
DCDC3 discharge =1
300
Copyright
© 2006–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :TPS65023 TPS65023B


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn