Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62043DGQR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS62043DGQR
Descripción Electrónicos  1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62043DGQR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS62043DGQR Datasheet HTML 18Page - Texas Instruments TPS62043DGQR Datasheet HTML 19Page - Texas Instruments TPS62043DGQR Datasheet HTML 20Page - Texas Instruments TPS62043DGQR Datasheet HTML 21Page - Texas Instruments TPS62043DGQR Datasheet HTML 22Page - Texas Instruments TPS62043DGQR Datasheet HTML 23Page - Texas Instruments TPS62043DGQR Datasheet HTML 24Page - Texas Instruments TPS62043DGQR Datasheet HTML 25Page - Texas Instruments TPS62043DGQR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TPS62046DGQR
MSOP-
Power
PAD
DGQ
10
2500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
TPS62046DRCR
SON
DRC
10
3000
330.0
12.4
3.3
3.3
1.0
8.0
12.0
Q2
TPS62046DRCR
SON
DRC
10
3000
330.0
12.4
3.3
3.3
1.1
8.0
12.0
Q2
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
TPS62040DGQR
MSOP-PowerPAD
DGQ
10
2500
364.0
364.0
27.0
TPS62040DRCR
SON
DRC
10
3000
370.0
355.0
55.0
TPS62040DRCR
SON
DRC
10
3000
367.0
367.0
35.0
TPS62042DGQR
MSOP-PowerPAD
DGQ
10
2500
364.0
364.0
27.0
TPS62042DRCR
SON
DRC
10
3000
370.0
355.0
55.0
TPS62042DRCR
SON
DRC
10
3000
367.0
367.0
35.0
TPS62043DGQR
MSOP-PowerPAD
DGQ
10
2500
364.0
364.0
27.0
TPS62043DRCR
SON
DRC
10
3000
370.0
355.0
55.0
TPS62043DRCR
SON
DRC
10
3000
367.0
367.0
35.0
TPS62044DGQR
MSOP-PowerPAD
DGQ
10
2500
364.0
364.0
27.0
TPS62044DRCR
SON
DRC
10
3000
367.0
367.0
35.0
TPS62044DRCR
SON
DRC
10
3000
370.0
355.0
55.0
PACKAGE MATERIALS INFORMATION
www.ti.com
20-Jul-2012
Pack Materials-Page 2


Número de pieza similar - TPS62043DGQR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62043DGQR TI1-TPS62043DGQR Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62043DGQR TI1-TPS62043DGQR Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
More results

Descripción similar - TPS62043DGQR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62040 TI1-TPS62040_17 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI-TPS62040_15 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI-TPS62040 Datasheet
372Kb / 21P
[Old version datasheet]   1.2 A/1.25 MHZ, HIGH EFFICIENCY STEP DOWN CONVERTER
TPS62040 TI1-TPS62040_16 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62026 TI-TPS62026 Datasheet
612Kb / 24P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI1-TPS62020_16 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020_15 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020 Datasheet
425Kb / 18P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Monolithic Power System...
MP2131 MPS-MP2131 Datasheet
1Mb / 16P
   High Efficiency, 4 A, 5.5 V, 1.2 MHz Synchronous Step-Down Converter
logo
Texas Instruments
TPS62220 TI-TPS62220 Datasheet
464Kb / 20P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com