Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS75915KTTR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS75915KTTR
Descripción  POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
Descarga  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS75915KTTR Datasheet(HTML) 16 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
www.ti.com
5
15
25
35
45
55
65
0
5
10
15
20
25
RθSA − Heatsink Thermal Resistance − °C/W
No Heatsink
Natural Convection
Air Flow = 150 LFM
Air Flow = 250 LFM
Air Flow = 500 LFM
1 oz. Copper
Power Plane
1 oz. Copper
Ground Plane
0.21 mm
0.21 mm
TPS75901, TPS75915
TPS75918, TPS75925, TPS75933
SLVS318E – DECEMBER 2000 – REVISED MARCH 2004
THERMAL INFORMATION (continued)
Figure 22. Thermal Resistance vs Heatsink Thermal Resistance
Figure 23.
From the data in Figure 22 and rearranging Equation 4, the maximum power dissipation for a different heatsink
RΘSA and a specific ambient temperature can be computed (see Figure 24).
16


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn