Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS75915KTTR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS75915KTTR
Descripción  POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
Descarga  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS75915KTTR Datasheet(HTML) 11 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
www.ti.com
3.7
50
0
t − Time −
µs
0
150
100
50
200 250
350
300
400 450 500
VO = 1.5 V
IO = 7.5 A
Co = 100 µF
2.8
−50
−100
2
3
4
1.5
2.5
3.5
2
3
VO − Output Voltage − V
2.8
1.75
2.25
2.75
3.25
IO = 7.5 A
TJ = 125°C
TJ = 25°C
TJ = −40°C
t − Time −
µs
−200
0
0
60
40
20
80 100
140
120
160 180 200
0
100
−100
VO = 1.5 V
Co = 100 µF
10
5
200
di
dt
+
1 A
m
s
t − Time −
µs
150
100
50
200 250
350
300
400 450 500
0
−100
5.3
−50
4.3
VO = 3.3 V
IO = 7.5 A
Co = 100 µF
50
0
TPS75901, TPS75915
TPS75918, TPS75925, TPS75933
SLVS318E – DECEMBER 2000 – REVISED MARCH 2004
TYPICAL CHARACTERISTICS (continued)
MINIMUM REQUIRED INPUT VOLTAGE
vs
TPS75915
OUTPUT VOLTAGE
LINE TRANSIENT RESPONSE
Figure 12.
Figure 13.
TPS75915
TPS75933
LOAD TRANSIENT RESPONSE
LINE TRANSIENT RESPONSE
Figure 14.
Figure 15.
11


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn