Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS79730DCKRG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS79730DCKRG4
Descripción Electrónicos  Ultra-Low IQ, 50mA LDO Linear Regulators with Power Good Output in SC70 Package
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79730DCKRG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPS79730DCKRG4 Datasheet HTML 1Page - Texas Instruments TPS79730DCKRG4 Datasheet HTML 2Page - Texas Instruments TPS79730DCKRG4 Datasheet HTML 3Page - Texas Instruments TPS79730DCKRG4 Datasheet HTML 4Page - Texas Instruments TPS79730DCKRG4 Datasheet HTML 5Page - Texas Instruments TPS79730DCKRG4 Datasheet HTML 6Page - Texas Instruments TPS79730DCKRG4 Datasheet HTML 7Page - Texas Instruments TPS79730DCKRG4 Datasheet HTML 8Page - Texas Instruments TPS79730DCKRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
PG
Bandgap
Reference
V
=1.235V
REF
R
1
Current
Sense
I
LIM
R
2
V
IN
V
IN
V
OUT
GND
TPS797xx
SLVS332H – MARCH 2001 – REVISED APRIL 2012
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
Table 1. TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NAME
NO.
GND
2
Ground
NC
3
No connection
OUT
5
The OUT terminal provides the regulated output voltage of the device.
The PG terminal for the fixed voltage option devices is an open drain, active-high output that indicates
the status of VO (output of the LDO). When VO exceeds approximately 90% of the regulated voltage,
PG
1
PG goes to a high-impedance state. It goes to a low-impedance state when VO falls below
approximately 90% (that is, overload condition) of the regulated voltage. The open drain output of the
PG terminal requires a pull-up resistor.
IN
4
The IN terminal is the power supply input to the device.
4
Submit Documentation Feedback
Copyright © 2001–2012, Texas Instruments Incorporated


Número de pieza similar - TPS79730DCKRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS79730 TI-TPS79730 Datasheet
232Kb / 11P
[Old version datasheet]   ULTRALOW-POWER SC70/SOT-323 PACKAGED 10 mA LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79730-EP TI-TPS79730-EP Datasheet
839Kb / 16P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79730-Q1 TI-TPS79730-Q1 Datasheet
236Kb / 13P
[Old version datasheet]   ULTRALOW-POWER SC70/SOT-223 PACKAGED 10MA LDO LINEAR REGULATORS WITH POWER GOOD OUPUT
TPS79730-Q1 TI1-TPS79730-Q1 Datasheet
330Kb / 15P
[Old version datasheet]   ULTRALOW-POWER SC70/SOT-323 PACKAGED 10 mA LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79730MDCKREP TI1-TPS79730MDCKREP Datasheet
460Kb / 15P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
More results

Descripción similar - TPS79730DCKRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS797 TI-TPS797 Datasheet
905Kb / 18P
[Old version datasheet]   Ultralow IQ, 50mA LDO Linear Regulators with Power Good Output in SC70 Package
TPS79718-EP TI1-TPS79718-EP Datasheet
460Kb / 15P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79733-EP TI-TPS79733-EP Datasheet
839Kb / 16P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79730-EP TI-TPS79730-EP Datasheet
839Kb / 16P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718-EP TI-TPS79718-EP_15 Datasheet
804Kb / 16P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718-Q1 TI-TPS79718-Q1_15 Datasheet
318Kb / 15P
[Old version datasheet]   ULTRALOW-POWER SC70/SOR-323 PACKAGED 10MA LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718 TI-TPS79718 Datasheet
232Kb / 11P
[Old version datasheet]   ULTRALOW-POWER SC70/SOT-323 PACKAGED 10 mA LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718-Q1 TI1-TPS79718-Q1_16 Datasheet
330Kb / 15P
[Old version datasheet]   ULTRALOW-POWER SC70/SOT-323 PACKAGED 10 mA LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718-Q1 TI-TPS79718-Q1 Datasheet
236Kb / 13P
[Old version datasheet]   ULTRALOW-POWER SC70/SOT-223 PACKAGED 10MA LDO LINEAR REGULATORS WITH POWER GOOD OUPUT
logo
Rohm
BD3512MUV ROHM-BD3512MUV_08 Datasheet
675Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets with Power Good
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com