Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS75925KC Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS75925KC
Descripción Electrónicos  POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75925KC Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS75925KC Datasheet HTML 6Page - Texas Instruments TPS75925KC Datasheet HTML 7Page - Texas Instruments TPS75925KC Datasheet HTML 8Page - Texas Instruments TPS75925KC Datasheet HTML 9Page - Texas Instruments TPS75925KC Datasheet HTML 10Page - Texas Instruments TPS75925KC Datasheet HTML 11Page - Texas Instruments TPS75925KC Datasheet HTML 12Page - Texas Instruments TPS75925KC Datasheet HTML 13Page - Texas Instruments TPS75925KC Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
www.ti.com
0
0.5
1
1.5
2
2.5
IO = 7.5 A
IO = 1 mA
f − Frequency − Hz
10
10
100
1k
10k
100k
VI = 4.3 V
VO = 3.3 V
Co = 100 µF
TJ = 25°C
f − Frequency − Hz
10
100
100k
1M
0.001
10k
1k
10M
1
100
IO = 1 mA
0.01
0.1
10
IO = 7.5 A
0.0001
0.00001
VI = 4.3 V
Co = 100 µF
TJ = 25°C
VI − Input Voltage − V
0
3
4
500
400
300
3.5
2.5
200
4.5
5
700
600
IO = 7.5 A
TJ = 25°C
TJ = −40°C
TJ = 125°C
100
TJ − Junction Temperature − °C
−40
35
110
50
600
125
500
400
300
200
100
0
IO = 7.5 A
−25 −10 −5
20
65
95
80
TPS75901, TPS75915
TPS75918, TPS75925, TPS75933
SLVS318E – DECEMBER 2000 – REVISED MARCH 2004
TYPICAL CHARACTERISTICS (continued)
TPS75933
TPS75933
OUTPUT SPECTRAL NOISE DENSITY
OUTPUT IMPEDANCE
vs
vs
FREQUENCY
FREQUENCY
Figure 8.
Figure 9.
TPS75901
TPS75933
DROPOUT VOLTAGE
DROPOUT VOLTAGE
vs
vs
INPUT VOLTAGE
JUNCTION TEMPERATURE
Figure 10.
Figure 11.
10


Número de pieza similar - TPS75925KC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS75925KC TI1-TPS75925KC Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75925KCG3 TI1-TPS75925KCG3 Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Descripción similar - TPS75925KC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS75901 TI-TPS75901 Datasheet
459Kb / 25P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75933KTT TI-TPS75933KTT Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75901 TI1-TPS75901_16 Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-EP TI-TPS75201-EP Datasheet
388Kb / 27P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-Q1 TI1-TPS75201-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-Q1 TI-TPS75201-Q1 Datasheet
398Kb / 27P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75601KTTTG3 TI-TPS75601KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com