Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-M701 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HCPL-M701
Descripción Electrónicos  Small Outline, 5 Lead, Low Input Current, High Gain Optocouplers Surface mountable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-M701 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-M701 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-M701 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-M701 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-M701 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-M701 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-M701 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-M701 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-M701 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-M701 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Electrical Specifications
Over recommended temperature (TA = 0°C to 70°C) unless otherwise specified. (See note 6.)
Parameter
Symbol Device Min. Typ.*
Max.
Units Tes
t Conditions Fig.
Note
HCPL-
Current
CTR
M701
400
2000
3500
%
IF = 0.5 mA, VO = 0.4 V,
2, 3
1
Transfer
VCC = 4.5 V
Ratio
500
1600
2600
IF = 1.6 mA, V = 0.4 V,
VCC = 4.5 V
M700
300
1600
2600
IF = 1.6 mA, VO = 0.4 V,
VCC = 4.5 V
Logic Low
VOL
M701
0.1
0.4
V
IF = 1.6 mA, IO = 8 mA,
1
Output
VCC = 4.5 V
Voltage
0.1
0.4
IF = 5 mA, IO = 15 mA,
VCC = 4.5 V
0.2
0.4
IF = 12 mA, IO = 24 mA,
VCC = 4.5 V
M700
0.1
0.4
IF = 1.6 mA, IO = 24 mA,
VCC = 4.5 V
Logic High
IOH
M701
0.05
100
µAI
F = 0 mA,
Output
VO = VCC = 18 V
M700
0.1
250
IF = 0 mA,
VO = VCC = 7 V
Logic Low
ICCL
0.4
1.5
mA
IF = 1.6 mA, VO = Open,
Supply
VCC = 18 V
Current
Logic High
ICCH
0.01
10
µAI
F = 0 mA, VO = Open,
Supply
VCC = 18 V
Current
Input
VF
1.4
1.7
V
TA = 25°C4
Forward
Voltage
1.75
IF = 1.6 mA
Input
BVR
5IR = 10 µA
Reverse
Breakdown
Voltage
Tempera-
∆V
F/∆TA
-1.8
mV/
°C I
F = 1.6 mA
ture Co-
efficient of
Forward
Voltage
Input
CIN
60
pF
f = 1 MHz, VF = 0
Capacitance
Input-
VISO
3750
VRMS
RH
≤ 50%, t = 1 min,
2, 3
Output
TA = 25°C
Insulation
Resistance
RI-O
1012
VI-O = 500 VDC
2
(Input-
Output)
Capacitance
CI-O
0.6
pF
f = 1 MHz
2
(Input-
Output)
*All typicals at TA = 25°C, VCC = 5 V.


Número de pieza similar - HCPL-M701

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCPL-M701 HP-HCPL-M701 Datasheet
88Kb / 8P
   Small Outline, 5 Lead, Low Input Current, High Gain Optocouplers
More results

Descripción similar - HCPL-M701

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
HCPLM700 ETC1-HCPLM700 Datasheet
95Kb / 8P
   Small Outline, 5 Lead, Low Input Current, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-M700 HP-HCPL-M700 Datasheet
88Kb / 8P
   Small Outline, 5 Lead, Low Input Current, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M453-000E AVAGO-HCPL-M453-000E Datasheet
152Kb / 9P
   Small Outline, 5 Lead, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-M452 HP-HCPL-M452 Datasheet
89Kb / 8P
   Small Outline, 5 Lead, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-500E AVAGO-HCNW139-500E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-300E AVAGO-HCNW139-300E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Diodes Incorporated
MOCD217R2M DIODES-MOCD217R2M Datasheet
2Mb / 10P
   Dual Channel Phototransistor Small Outline Surface Mount Optocouplers (Low Input Current)
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0701-000E AVAGO-HCPL-0701-000E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
MOCD217-M FAIRCHILD-MOCD217-M_05 Datasheet
113Kb / 8P
   DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS (LOW INPUT CURRENT)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com