Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-0453 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HCPL-0453
Descripción Electrónicos  Single Channel, High Speed Optocouplers TTL compatible
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0453 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-0453 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-0453 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-0453 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-0453 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-0453 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-0453 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-0453 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0453 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0453 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Description
These diode-transistor optocouplers use an insulating
layer between a LED and an integrated photodetector to
provide electrical insulation between input and output.
Separate connections for the photodiode bias and out-
put-transistor collector increase the speed up to a hun-
dred times that of a conventional phototransistor coupler
by reducing the base-collector capacitance.
These single channel optocouplers are available in
8-Pin DIP, SO-8 and Widebody package configurations.
The HCPL-4502/4503 and HCNW4502/4503 are designed
for high speedTTL/TTL applications. A standard 16 mATTL
sink current through the input LED will provide enough
output current for 1 TTL load and a 5.6 kΩ pull-up resistor.
CTR for these devices is 19% minimum at I
F = 16 mA.
Functional Diagram
A 0.1 µF bypass capacitor must be connected between pins 5 and 8.
HCNW4502/3
HCPL-0452/0453/4502/4503
Single Channel, High Speed Optocouplers
Data Sheet
Features
• 15 kV/µs minimum common mode transient
immunity at V
CM = 1500 V
• High speed: 1 Mb/s
• TTL compatible
• Available in 8-Pin DIP, SO-8, widebody packages
• Open collector output
• Guaranteed performance from temperature:
0°C to 70°C
• Safety approval
UL Recognized – 3750 V
rms for 1 minute (5000 Vrms
for 1 minute for HCNW and Option 020 devices)
per UL1577
CSA Approved
IEC/EN/DIN EN 60747-5-5 Approved
– V
IORM = 630 V peak for HCPL-4503#060
– V
IORM = 1414 V peak for HCNW devices
• Dual channel version available (4534/0534)
• MIL-PRF-38534 hermetic version available
(55XX/65XX/4N55)
Applications
• High voltage insulation
• Video signal isolation
• Power transistor isolation in motor drives
• Line receivers
• Feedback element in switched mode power supplies
• High speed logic ground isolation
– TTL/TTL, TTL/CMOS, TTL/LSTTL
• Replaces pulse transformers
• Replaces slow phototransistor isolators
• Analog signal ground isolation
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.
7
1
2
3
4
5
6
8
NC
ANODE
CATHODE
NC
VCC
NC
Vo
GND
TRUTH TABLE
(POSITIVE LOGIC)
LED
ON
OFF
Vo
LOW
HIGH


Número de pieza similar - HCPL-0453

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCPL-0453 HP-HCPL-0453 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
HCPL-0453 HP-HCPL-0453 Datasheet
89Kb / 8P
   Small Outline, 5 Lead, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0453 AVAGO-HCPL-0453 Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers High density packaging
HCPL-0453-000E AVAGO-HCPL-0453-000E Datasheet
351Kb / 16P
   Single Channel, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-0453-020 HP-HCPL-0453-020 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
More results

Descripción similar - HCPL-0453

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
6N135 AVAGO-6N135 Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers TTL compatible
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0600-000E AVAGO-HCPL-0600-000E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-000E AVAGO-HCPL-2631-000E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0601-500E AVAGO-HCPL-0601-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0630-500E AVAGO-HCPL-0630-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0631-500E AVAGO-HCPL-0631-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com