Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-HB64-QU0XX Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HLMP-HB64-QU0XX
Descripción Electrónicos  Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HB64-QU0XX Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-HB64-QU0XX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB64-QU0XX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB64-QU0XX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB64-QU0XX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB64-QU0XX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB64-QU0XX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB64-QU0XX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB64-QU0XX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB64-QU0XX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
AlInGaP Red
Figure 1. Relative Intensity vs Wavelength
Figure 2. Forward Current vs Forward Voltage
Figure 3. Relative Intensity vs Forward Current
Figure 4. Maximum Forward Current vs Ambient Temperature
0
10
20
30
40
50
60
0
20
40
60
80
100
TA- AMBIENT TEMPERATURE - C
0
0.2
0.4
0.6
0.8
1
550
600
650
700
WAVELENGTH - nm
0
20
40
60
80
100
0
1
23
FORWARD VOLTAGE - V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
020
40
6080
100
DC FORWARD CURRENT - mA


Número de pieza similar - HLMP-HB64-QU0XX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HB61 AVAGO-HLMP-HB61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-HB61-QU0ZZ AVAGO-HLMP-HB61-QU0ZZ Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-HB63 AVAGO-HLMP-HB63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HB63-QU0XX AVAGO-HLMP-HB63-QU0XX Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HB65 AVAGO-HLMP-HB65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
More results

Descripción similar - HLMP-HB64-QU0XX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
HLMP-AG64 AVAGO-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
Broadcom Corporation.
HLMP-AG64 BOARDCOM-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-LD63 AVAGO-HLMP-LD63 Datasheet
469Kb / 12P
   Precision Optical Performance Red, Green and Blue New 4mm Standard Oval LEDs
HLMP-LG65-VY0DD AVAGO-HLMP-LG65-VY0DD Datasheet
343Kb / 8P
   Precision Optical Performance Red New 4mm Standard Oval LEDs
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD85 AVAGO-HLMP-AD85 Datasheet
353Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com