Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-2531 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HCPL-2531
Descripción Electrónicos  Dual Channel, High Speed Optocouplers High density packaging
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-2531 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-2531 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-2531 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-2531 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-2531 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-2531 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-2531 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-2531 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-2531 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-2531 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
Absolute Maximum Ratings
Parameter
Symbol
Device
Min.
Max.
Units
Note
Storage Temperature
TS
-55
125
°C
Operating Temperature
TA
-55
100
°C
Average Forward Input Current
IF(AVG)
25
mA
(each channel)
Peak Forward Input Current (each channel)
IF(PEAK)
50
mA
(50% duty cycle, 1 ms pulse width)
Peak Transient Input Current (each channel)
IF(TRANS)
1
A
(≤ 1 μs pulse width, 300 pps)
Reverse LED Input Voltage (each channel)
VR
5
V
Input Power Dissipation (each channel)
PIN
45
mW
Average Output Current (each channel)
IO(AVG)
8
mA
Peak Output Current
IO(PEAK)
16
mA
Supply Voltage (Pin 8-5)
VCC
-0.5
30
V
Output Voltage (Pins 7-5, 6-5)
VO
-0.5
20
V
Output Power Dissipation (each channel)
PO
35
mW
13
Lead Solder Temperature
TLS
8 Pin DIP
260
°C
(Through-Hole Parts Only)
1.6 mm below seating plane, 10 seconds
Reflow Temperature Profile
TRP
SO-8 and
see Package Outline Drawings
Option 300
section


Número de pieza similar - HCPL-2531

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
QT Optoelectronics
HCPL-2531 QT-HCPL-2531 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL-2531 FAIRCHILD-HCPL-2531 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL-2531 HP-HCPL-2531 Datasheet
207Kb / 12P
   Dual Channel, High Speed Optocouplers
logo
Fairchild Semiconductor
HCPL-2531 FAIRCHILD-HCPL-2531 Datasheet
577Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL-2531 FAIRCHILD-HCPL-2531 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results

Descripción similar - HCPL-2531

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0531-500E AVAGO-HCPL-0531-500E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
HCPL-2530-000E AVAGO-HCPL-2530-000E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL2530 HP-HCPL2530 Datasheet
207Kb / 12P
   Dual Channel, High Speed Optocouplers
logo
CTS Corporation
753 CTS-753_16 Datasheet
189Kb / 4P
   High Density Packaging
752161102G CTS-752161102G Datasheet
233Kb / 4P
   High Density Packaging
753081103GP CTS-753081103GP Datasheet
189Kb / 4P
   High Density Packaging
logo
Agilent(Hewlett-Packard...
6N135 HP-6N135 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
logo
Shenzhen Tenand Technol...
6N138 TENAND-6N138 Datasheet
698Kb / 15P
   Single Channel, High Speed Optocouplers
logo
Lite-On Technology Corp...
6N135 LITEON-6N135 Datasheet
623Kb / 15P
   Single Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N136-500E AVAGO-6N136-500E Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com