Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FCPF7N60NT Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FCPF7N60NT
Descripción Electrónicos  N-Channel SupreMOS짰 MOSFET 600 V, 6.8 A, 520 m廓
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCPF7N60NT Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FCPF7N60NT Datasheet HTML 1Page - Fairchild Semiconductor FCPF7N60NT Datasheet HTML 2Page - Fairchild Semiconductor FCPF7N60NT Datasheet HTML 3Page - Fairchild Semiconductor FCPF7N60NT Datasheet HTML 4Page - Fairchild Semiconductor FCPF7N60NT Datasheet HTML 5Page - Fairchild Semiconductor FCPF7N60NT Datasheet HTML 6Page - Fairchild Semiconductor FCPF7N60NT Datasheet HTML 7Page - Fairchild Semiconductor FCPF7N60NT Datasheet HTML 8Page - Fairchild Semiconductor FCPF7N60NT Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2009 Fairchild Semiconductor Corporation
FCP7N60N / FCPF7N60NT Rev. C0
www.fairchildsemi.com
1
March 2013
FCP7N60N / FCPF7N60NT
N-Channel SupreMOS® MOSFET
600 V, 6.8 A, 520 m
Ω
Features
•RDS(on) = 460 mΩ (Typ.) @ VGS = 10 V, ID = 3.4 A
• Ultra Low Gate Charge (Typ.Qg = 17.8 nC)
• Low Effective Output Capacitance (Typ. Coss.eff = 91 pF)
• 100% Avalanche Tested
• RoHS Compliant
Application
• LCD/LED TV and Monitor
• Lighting
• Solar Inverter
• AC-DC Power Supply
Description
The SupreMOS® MOSFET is Fairchild Semiconductor®’s next
generation of high voltage super-junction (SJ) technology
employing a deep trench filling process that differentiates it from
the conventional SJ MOSFETs. This advanced technology and
precise process control provides lowest Rsp on-resistance,
superior switching performance and ruggedness. SupreMOS
MOSFET is suitable for high frequency switching power converter
applications such as PFC, server/telecom power, FPD TV power,
ATX power and industrial power applications.
D
G
S
TO-220F
G
S
D
TO-220
G D S
MOSFET Maximum Ratings T
C = 25
oC unless otherwise noted
Thermal Characteristics
Symbol
Parameter
FCP7N60N
FCPF7N60NT
Unit
VDSS
Drain to Source Voltage
600
V
VGSS
Gate to Source Voltage
±30
V
ID
Drain Current
-Continuous (TC = 25
oC)
6.8
6.8*
A
-Continuous (TC = 100
oC)
4.3
4.3*
IDM
Drain Current
- Pulsed
(Note 1)
20.4
20.4
A
EAS
Single Pulsed Avalanche Energy
(Note 2)
79.4
mJ
IAR
Avalanche Current
6.8
A
EAR
Repetitive Avalanche Energy
0.6
mJ
dv/dt
MOSFET dv/dt Ruggedness
100
V/ns
Peak Diode Recovery dv/dt
(Note 3)
4.9
V/ns
PD
Power Dissipation
(TC = 25
oC)
64.1
30.5
W
- Derate above 25oC
0.51
0.24
W/oC
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
oC
TL
Maximum Lead Temperature for Soldering Purpose,
1/8” from Case for 5 Seconds
300
oC
Symbol
Parameter
FCP7N60N
FCPF7N60NT
Unit
RθJC
Thermal Resistance, Junction to Case
1.95
4.1
oC/W
RθCS
Thermal Resistance, Case to Heak Sink ( Typical)
0.5
0.5
RθJA
Thermal Resistance, Junction to Ambient
62.5
62.5
*Drain current limited by maximum junction temperature


Número de pieza similar - FCPF7N60NT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
FCPF7N60NT ISC-FCPF7N60NT Datasheet
322Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - FCPF7N60NT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FCB36N60N FAIRCHILD-FCB36N60N Datasheet
239Kb / 8P
   N-Channel SupreMOS짰 MOSFET 600 V, 36 A, 90 m廓
FCI25N60N FAIRCHILD-FCI25N60N Datasheet
364Kb / 8P
   N-Channel SupreMOS짰 MOSFET 600 V, 25 A, 125 m廓
logo
Diodes Incorporated
FCP25N60N DIODES-FCP25N60N Datasheet
460Kb / 8P
   N-Channel SupreMOS짰 MOSFET 600 V, 25 A, 125 m廓
logo
Fairchild Semiconductor
FCB36N60NTM FAIRCHILD-FCB36N60NTM Datasheet
239Kb / 8P
   N-Channel SupreMOS짰 MOSFET 600 V, 36 A, 90 m廓
logo
NXP Semiconductors
BUK7K6R8-40E PHILIPS-BUK7K6R8-40E_15 Datasheet
302Kb / 13P
   Dual N-channel 40 V, 6.8 m廓 standard level MOSFET
6 November 2013
logo
Nexperia B.V. All right...
BUK7K6R8-40E NEXPERIA-BUK7K6R8-40E Datasheet
739Kb / 13P
   Dual N-channel 40 V, 6.8 m廓 standard level MOSFET
logo
Fairchild Semiconductor
FCD380N60E FAIRCHILD-FCD380N60E Datasheet
205Kb / 9P
   N-Channel SuperFET짰 II MOSFET 600 V, 10.2 A, 380 m廓
logo
Kersemi Electronic Co.,...
KSMU5N60C KERSEMI-KSMU5N60C Datasheet
3Mb / 8P
   N-Channel MOSFET 600 V, 2.8 A, 2.5 廓
KSMD5N60C KERSEMI-KSMD5N60C Datasheet
3Mb / 8P
   N-Channel MOSFET 600 V, 2.8 A, 2.5 廓
logo
Fairchild Semiconductor
FDPF12N50NZT FAIRCHILD-FDPF12N50NZT Datasheet
854Kb / 10P
   N-Channel UniFETTM II MOSFET 500 V, 11.5 A, 520 m
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com