Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPSA105*035T3000 Datasheet(PDF) 12 Page - AVX Corporation

No. de Pieza. TPSA105*035T3000
Descripción  Low ESR
Descarga  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AVX [AVX Corporation]
Página de inicio  http://www.avx.com
Logo 

TPSA105*035T3000 Datasheet(HTML) 12 Page - AVX Corporation

 
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MAY 2013
55
TPS Automotive Range
Low ESR - Automotive Product Range
Not recommended for new designs, higher voltage or smaller case size substitution are offered.
Released codes
Engineering samples - please contact manufacturer
Note: Voltage ratings are minimum values. AVX reserves the right to supply higher ratings in the same case size, to the same reliability standards.
Capacitance
Rated Voltage DC (V
R) to 85°C
μF
Code
6.3V (J)
10V (A)
16V (C)
20V (D)
25V (E)
35V (V)
50V (T)
0.15
154
0.22
224
A(7000)
0.33
334
A(6000)
A(7000)
0.47
474
A(7000)
A(6000)
A(6500), B(6000)
0.68
684
A(6000)
A(6000)
B(4000)
1.0
105
A(6200)
A(3000)
A(4000)
A(3000), B(2000)
B(3000), C(2500)
1.5
155
A(3000)
A(3000)
A(3000), B(2500)
C(1500,2000)
2.2
225
A(1800)
A(1800,3500)
A(3000), B(1700)
A(2500),
B(750,1500,2000),
C(1500), D(1200)
B(900,1200,2500)
C(1000)
3.3
335
A(2100)
A(3500), B(2500)
A(2500), B(1300)
B(750,1500,2000)
B(1000), C(700)
C(1000), D(800)
4.7
475
A(1400), B(1400)
A(2000), B(800,1500)
A(1800), B(750,1000)
B(700,900), C(700)
B(700,1500), C(600),
C(800), D(500,700)
D(700)
6.8
685
A(1800), B(1300)
A(1500), B(600,1200)
B(600,1000), C(700)
B(700), C(500,600,700)
C(350), D(400,500)
D(500,600)
10
106
A(1500), B(1500)
A(900,1800), B(1000)
A(1000), B(500,800),
B(500,1000),
C(300,500), D(500)
C(600), D(300)
D(500),
C(500)
C(500,700)
E(250,300,400,500)
15
156
A(700,1500)
A(1000), B(450,600),
B(500,800), C(700)
B(500), C(400,450)
C(220,300), D(300)
D(300)
E(250)
C(700)
22
226
A(500,900), B(375,600),
A(900), B(400,500,700),
B(400,600), C(300,375),
C(400), D(200,300)
C(275,400), D(200,300)
D(200,300,400),
C(500)
C(300)
D(700)
E(200,300)
33
336
A(600),
B(250,425,500,650),
C(225,300), D(200)
C(300), D(200)
D(200,300)
E(250,300)
B(250,350,450,600)
C(375,500)
47
476
B(250,350,500),
B(250,350,500,650),
C(350), D(200)
D(200)
D(125,150,250), E(125)
C(300)
C(200,350), D(300)
68
686
B(250,350,500),
C(200,300), D(150)
C(200), D(150)
D(150,200,300),
C(150,200)
E(125,150,200)
100
107
C(150), D(300)
C(150,200),
D(100,125,150),
E(100,150,200)
D(100,125,150)
E(100,125,150)
150
157
C(150,200,250), D(125)
D(85,100), E(100)
E(100)
220
227
D(100,125)
D(100,150),
E(70,100,125,150)
330
337
D(70,100),
E(50,60,100)
E(100,125,150)
470
477
D(45,60,100,200),
E(45,50,60,100,200)
680
687
E(45,60,100)
TPS AUTOMOTIVE RANGE CAPACITANCE AND RATED VOLTAGE, VR (VOLTAGE CODE) RANGE
(LETTER DENOTES CASE SIZE)
HOW TO ORDER
107
Capacitance Code
pF code: 1st two digits
represent significant figures,
3rd digit represents multiplier
(number of zeros to follow)
M
Tolerance
K = ±10%
M = ±20%
010
Rated DC Voltage
006 = 6.3Vdc
025 = 25Vdc
010 = 10Vdc
035 = 35Vdc
016 = 16Vdc
050 = 50Vdc
020 = 20Vdc
T
Packaging
T = Automotive Lead Free
7" Reel
U = Automotive Lead Free
13" Reel
0150
ESR in mΩ
V
Dry Pack
Option
(D,E case sizes
mandatory)
TPS
Type
C
Case Size
See table
above
Technical Data:
All technical data relate to an ambient temperature of +25°C
Capacitance Range:
0.22 μF to 680 μF
Capacitance Tolerance:
±10%; ±20%
Rated Voltage (VR)
+85°C:
6.3
10
16
20
25
35
50
Category Voltage (VC)
+125°C:
4
7
10
13
17
23
33
Surge Voltage (VS)
+85°C:
8
13
20
26
32
46
65
Surge Voltage (VS)
+125°C:
5
8
13
16
20
28
40
Temperature Range:
-55°C to +125°C
Environmental Classification:
55/125/56 (IEC 68-2)
Reliability:
1% per 1000 hours at 85°C, VR with 0.1Ω/V series impedance, 60% confidence level
Termination Finished:
Sn Plating (standard), Gold and SnPb Plating upon request
Meets requirements of AEC-Q200
TECHNICAL SPECIFICATIONS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn