Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S-8351A50MC-J3JT2G Datasheet(PDF) 32 Page - Seiko Instruments Inc

No. de pieza S-8351A50MC-J3JT2G
Descripción Electrónicos  STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SII [Seiko Instruments Inc]
Página de inicio  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8351A50MC-J3JT2G Datasheet(HTML) 32 Page - Seiko Instruments Inc

Back Button S-8351A50MC-J3JT2G Datasheet HTML 28Page - Seiko Instruments Inc S-8351A50MC-J3JT2G Datasheet HTML 29Page - Seiko Instruments Inc S-8351A50MC-J3JT2G Datasheet HTML 30Page - Seiko Instruments Inc S-8351A50MC-J3JT2G Datasheet HTML 31Page - Seiko Instruments Inc S-8351A50MC-J3JT2G Datasheet HTML 32Page - Seiko Instruments Inc S-8351A50MC-J3JT2G Datasheet HTML 33Page - Seiko Instruments Inc S-8351A50MC-J3JT2G Datasheet HTML 34Page - Seiko Instruments Inc S-8351A50MC-J3JT2G Datasheet HTML 35Page - Seiko Instruments Inc S-8351A50MC-J3JT2G Datasheet HTML 36Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
S-8351/8352 Series
Rev.3.0_00
Seiko Instruments Inc.
32
17.
Transient Response Characteristics
The conditions for external parts are the same as those specified in the electrical characteristics.
(1)
Power-on (Ta = 25
°C, R
L = 250 Ω)
S-8351A30MC
VIN = 0 → 1.8 V
S-8351A50MC
VIN = 0 → 3 V
t [0.2 ms / div]
Input voltage
[0.5 V / div]
Output voltage
[0.5 V / div]
0 V
0 V
1.8 V
3 V
t [0.2 ms / div]
Input voltage
[1 V / div]
Output voltage
[1 V / div]
0 V
0 V
3 V
5 V
S-8352A30MC
VIN = 0 → 1.8 V
S-8352A50MC
VIN = 0 → 3 V
t [0.2 ms / div]
Input voltage
[0.5 V / div]
Output voltage
[0.5 V / div]
0 V
0 V
1.8 V
3 V
t [0.2 ms / div]
Input voltage
[1 V / div]
Output voltage
[1 V / div]
0 V
0 V
3 V
5 V
(2)
Power Supply Voltage Fluctuation (Ta = 25
°C, R
L = 250 Ω)
S-8351A30MC
VIN = 1.2 → 1.8 V
S-8351A30MC
VIN = 1.8 → 1.2 V
t [0.1 ms / div]
Input voltage
[0.5 V /div]
Output voltage
[0.1 V / div]
1.2 V
1.8 V
3 V
t [0.1 ms / div]
Input voltage
[0.5 V / div]
Output voltage
[0.1 V / div]
1.8 V
1.2 V
3 V
S-8351A50MC
VIN = 2 → 3 V
S-8351A50MC
VIN = 3 → 2 V
t [0.1 ms / div]
Input voltage
[0.5 V / div]
Output voltage
[0.1 V / div]
2 V
3 V
5 V
t [0.1 ms / div]
Input voltage
[0.5 V / div]
Output voltage
[0.1 V / div]
3 V
2 V
5 V


Número de pieza similar - S-8351A50MC-J3JT2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seiko Instruments Inc
S-8351A20MC-J2FT2G SII-S-8351A20MC-J2FT2G Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8351A20MC-J2FT2U SII-S-8351A20MC-J2FT2U Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8351A20MC-J2FT2X SII-S-8351A20MC-J2FT2X Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8351A22MC-J2HT2G SII-S-8351A22MC-J2HT2G Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8351A22MC-J2HT2U SII-S-8351A22MC-J2HT2U Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
More results

Descripción similar - S-8351A50MC-J3JT2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seiko Instruments Inc
S8351 SII-S8351 Datasheet
2Mb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8351 ABLIC-S-8351 Datasheet
656Kb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
Rev.3.1_00
logo
Seiko Instruments Inc
S-8321 SII-S-8321 Datasheet
1Mb / 26P
   SMALL PACKAGE PFM CONTROL STEP-UP SWITCHING REGULATOR
S8353 SII-S8353 Datasheet
2Mb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
logo
ABLIC Inc.
S-8353 ABLIC-S-8353 Datasheet
567Kb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_02
logo
ON Semiconductor
NCP1402 ONSEMI-NCP1402_14 Datasheet
178Kb / 18P
   PFM Step-Up Micropower Switching Regulator
July, 2014 ??Rev. 10
logo
Seiko Instruments Inc
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ON Semiconductor
NCP1402 ONSEMI-NCP1402 Datasheet
158Kb / 18P
   200 mA, PFM Step-Up Micropower Switching Regulator
November, 2003 ??Rev. 5
logo
Seiko Instruments Inc
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com