Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM25C160UE Datasheet(PDF) 8 Page - Fairchild Semiconductor

No. de pieza FM25C160UE
Descripción Electrónicos  16K-Bit SPI??Interface Serial CMOS EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM25C160UE Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FM25C160UE Datasheet HTML 3Page - Fairchild Semiconductor FM25C160UE Datasheet HTML 4Page - Fairchild Semiconductor FM25C160UE Datasheet HTML 5Page - Fairchild Semiconductor FM25C160UE Datasheet HTML 6Page - Fairchild Semiconductor FM25C160UE Datasheet HTML 7Page - Fairchild Semiconductor FM25C160UE Datasheet HTML 8Page - Fairchild Semiconductor FM25C160UE Datasheet HTML 9Page - Fairchild Semiconductor FM25C160UE Datasheet HTML 10Page - Fairchild Semiconductor FM25C160UE Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
www.fairchildsemi.com
FM25C160U Rev. B
Bit0 (/RDY) indicates the Busy/Ready status of the EEPROM.
This bit is a read-only bit and is read by executing RDSR
instruction. If this bit is “1” then the EEPROM is busy doing a
program cycle. If this bit is “0” then the EEPROM is ready.
Note that if a RDSR instruction is executed when an internal
programming cycle is in progress, only the /RDY bit is valid.
All other bits are don’t cares.
The RDSR command requires the following sequence. The /CS
pin is pulled low to select the EEPROM and then the RDSR
opcode is transmitted on the SI pin. After this is done, data on the
SI pin becomes don’t care. The data from the Status Register is
then shifted out on the SO pin starting with D7 bit first and D0 last.
See
Figure 6.
FIGURE 6. Read Status Register
WRITE SEQUENCE (WRITE):
Write to the array is enabled only when /WP pin is held high and
the EEPROM is write enabled previously (via WREN instruction).
Also, the address of the memory location(s) to be programmed
must be outside the protected address field selected by the Block
Write Protection Level. See Table 4.
TABLE 4. Block Write Protection Levels
Level
Status Register Bits
Array
Address
BP1
BP0
Protected
0
0
0
None
1
0
1
600-7FF
2
1
0
400-7FF
3
1
1
000-7FF
A WRITE command requires the following sequence. The /CS pin
is pulled llow to select the EEPROM, then the WRITE opcode is
transmitted on the SI pin followed by two bytes of address, "High
byte addr" (A15-A8) and "Low byte addr" (A7-A0), further followed
by the data (D7-D0) to be written. See Figure 9. Note that only A10-
A0 address bits are treated valid by FM25C160U while bits A15-
A11 are ignored.
FIGURE 9. Byte Write
/CS
SI
SO
RDSR
OP-CODE
RDSR DATA
WRITE ENABLE (WREN):
When V
CC is applied to the EEPROM, it “powers up” in a write-
disabled state. Therefore, all programming modes (Write to memory
array and Status register), must be preceded by a WRITE EN-
ABLE (WREN) instruction. See
Figure 7.
FIGURE 7. Write Enable
/CS
SI
SO
WREN Op-Code
WRITE DISABLE (WRDI):
Executing this instruction disables all programming modes (Write
to memory array and Status register), preventing the EEPROM
from accidental writes.
Once WRDI instruction is executed,
WREN instruction should be executed to re-enable all program-
ming modes. See
Figure 8.
FIGURE 8. Write Disable
/CS
SI
SO
WRDI Op-Code
;;;;
CS
SI
SO
Write
Opcode
High Addr
Byte
Low Addr
Byte
Data
High Z
Internally, the programming will start after the /CS pin is brought
back to a high level. Note that the LOW to HIGH transition of the
/CS pin must occur during the SCK low time immediately after
clocking in the D0 data bit. See
Figure 10.
FIGURE 10. Start of Programming
SCK
SI
SO
/CS
D0
D1
D2
High Z
Start of internal
programming
Programming status (Busy/Ready) of the EEPROM can be deter-
mined by executing a READ STATUS REGISTER (RDSR) in-
struction after a write command. Upon executing the RDSR
instruction, if Bit 0 of the RDSR data is “1”, it indicates the WRITE
cycle is still in progress. If it is “0” then the WRITE cycle has ended.
Note that while the internal programming is still in progress (Bit 0
= 1), only the RDSR instruction is enabled. It is recommended that
no other instruction be issued till the internal programming is
complete.


Número de pieza similar - FM25C160UE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
FM25C160 ETC1-FM25C160 Datasheet
154Kb / 14P
   16Kb FRAM Serial Memory
logo
Ramtron International C...
FM25C160 RAMTRON-FM25C160 Datasheet
149Kb / 13P
   16Kb FRAM Serial Memory
FM25C160-GA RAMTRON-FM25C160-GA Datasheet
149Kb / 13P
   16Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM25C160-S ETC1-FM25C160-S Datasheet
154Kb / 14P
   16Kb FRAM Serial Memory
logo
Ramtron International C...
FM25C160B RAMTRON-FM25C160B Datasheet
171Kb / 13P
   16Kb Serial 5V F-RAM Memory
More results

Descripción similar - FM25C160UE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
NM25C160 FAIRCHILD-NM25C160 Datasheet
100Kb / 10P
   16K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
logo
Catalyst Semiconductor
CAT25C08 CATALYST-CAT25C08_06 Datasheet
950Kb / 16P
   8K/16K SPI Serial CMOS EEPROM
logo
Fairchild Semiconductor
FM25C020U FAIRCHILD-FM25C020U Datasheet
105Kb / 11P
   2K-Bit SPI??Interface Serial CMOS EEPROM
FM25C040U FAIRCHILD-FM25C040U Datasheet
105Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
FM25C640U FAIRCHILD-FM25C640U Datasheet
102Kb / 11P
   64K-Bit SPI??Interface Serial CMOS EEPROM
FM25C041U FAIRCHILD-FM25C041U Datasheet
103Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
logo
Microchip Technology
25AA160C MICROCHIP-25AA160C Datasheet
508Kb / 30P
   16K SPI Bus Serial EEPROM
2009
25LC160A MICROCHIP-25LC160A_06 Datasheet
441Kb / 24P
   16K SPI Bus Serial EEPROM
2006
25C160 MICROCHIP-25C160 Datasheet
241Kb / 22P
   16K SPI Bus Serial EEPROM
07/12/04
25AA160 MICROCHIP-25AA160_13 Datasheet
327Kb / 22P
   16K SPI Bus Serial EEPROM
10/26/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com