Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM3560MT20 Datasheet(PDF) 7 Page - Fairchild Semiconductor

No. de pieza FM3560MT20
Descripción Electrónicos  4/5 Bit Multiplexed, 1 Bit Latched Port with Standard 2-Wire Bus Interface and Non-Volatile Latches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM3560MT20 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FM3560MT20 Datasheet HTML 2Page - Fairchild Semiconductor FM3560MT20 Datasheet HTML 3Page - Fairchild Semiconductor FM3560MT20 Datasheet HTML 4Page - Fairchild Semiconductor FM3560MT20 Datasheet HTML 5Page - Fairchild Semiconductor FM3560MT20 Datasheet HTML 6Page - Fairchild Semiconductor FM3560MT20 Datasheet HTML 7Page - Fairchild Semiconductor FM3560MT20 Datasheet HTML 8Page - Fairchild Semiconductor FM3560MT20 Datasheet HTML 9Page - Fairchild Semiconductor FM3560MT20 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
www.fairchildsemi.com
www.fairchildsemi.com
FM3540/60 Rev. C
Molded Small Outline Package (M)
Order Number FM3560XM
Package Number M20B
X = C for open collector
and X = S for 2.5V
Physical Dimensions inches (millimeters) unless otherwise noted
20
Lead No. 1
IDENT
11
10
1
0.394 - 0.419
[10.008 - 10.643]
0.496 - 05.12
[12.598 - 13.005]
0.050
[1.270]
TYP
0.008
[0.203]
0.014-0.020
[0.356-0.508]
30¡ TYP
0.004-0.012
[0.102-0.305]
TYP
Seating Plane
0.010
[0.254]
MAX
TYP
TYP
0.093 - 0.104
[2.362 - 2.642]
0.014
[0.356]
0.291-0.299
[7.391- 7.595]
0.009-0.013
[0.229-0.330]
TYP All Leads
0.010 - 0.029
[0.254 - 0.737]
8¡ Max Typ
All Leads
x45¡
0.004
[0.102]
All Leads
Tips
0.016 - 0.050
[0.406 - 1.270]
Typ All Leads


Número de pieza similar - FM3560MT20

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FM3565 FAIRCHILD-FM3565 Datasheet
84Kb / 7P
   CPU CONFIGURATION CONTROLLER Register/Multiplexer for Microprocessor VID
FM3565M20 FAIRCHILD-FM3565M20 Datasheet
84Kb / 7P
   CPU CONFIGURATION CONTROLLER Register/Multiplexer for Microprocessor VID
FM3565M20X FAIRCHILD-FM3565M20X Datasheet
84Kb / 7P
   CPU CONFIGURATION CONTROLLER Register/Multiplexer for Microprocessor VID
FM3565MT FAIRCHILD-FM3565MT Datasheet
84Kb / 7P
   CPU CONFIGURATION CONTROLLER Register/Multiplexer for Microprocessor VID
FM3565MT20 FAIRCHILD-FM3565MT20 Datasheet
84Kb / 7P
   CPU CONFIGURATION CONTROLLER Register/Multiplexer for Microprocessor VID
More results

Descripción similar - FM3560MT20

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
PCA8550 PHILIPS-PCA8550 Datasheet
87Kb / 12P
   4-bit multiplexed/1-bit latched 5-bit I2C EEPROM
1998 Sep 29
PCA9558 NXP-PCA9558 Datasheet
165Kb / 27P
   8-bit I2C-bus and SMBus I/O port with 5-bit multiplexed/1-bit latched 6-bit I2C-bus EEPROM DIP switch and 2-kbit EEPROM
Rev. 04-14 April 2009
PCA9559 PHILIPS-PCA9559 Datasheet
83Kb / 11P
   5-bit multiplexed/1-bit latched 6-bit I2C EEPROM
2003 Jun 27
PCA9558 PHILIPS-PCA9558 Datasheet
131Kb / 18P
   8-bit I2C and SMBus I/O port with 5-bit multiplexed/1-bit latched 6-bit I2C EEPROM and 2 k bit EEPROM
2002 May 24
logo
Fairchild Semiconductor
NM34C02 FAIRCHILD-NM34C02 Datasheet
90Kb / 12P
   2K-Bit Standard 2-Wire Bus Interface
logo
NXP Semiconductors
PCA9560 PHILIPS-PCA9560 Datasheet
111Kb / 17P
   Dual 5-bit multiplexed 1-bit latched I2C EEPROM DIP switch
2003 Jun 27
PCA9560 PHILIPS-PCA9560_04 Datasheet
129Kb / 17P
   Dual 5-bit multiplexed 1-bit latched I2C EEPROM DIP switch
2004 May 19
logo
Texas Instruments
DP83936AVUL-20 TI1-DP83936AVUL-20_11 Datasheet
1Mb / 106P
[Old version datasheet]   32-bit non-multiplexed address and data bus
logo
Fairchild Semiconductor
FM24C16U FAIRCHILD-FM24C16U Datasheet
103Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C08 FAIRCHILD-NM24C08 Datasheet
104Kb / 14P
   8K-Bit Standard 2-Wire Bus Interface Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com