Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL8W9226M010C Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza TL8W9226M010C
Descripción Electrónicos  Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TL8W9226M010C Datasheet(HTML) 1 Page - Vishay Siliconix

  TL8W9226M010C Datasheet HTML 1Page - Vishay Siliconix TL8W9226M010C Datasheet HTML 2Page - Vishay Siliconix TL8W9226M010C Datasheet HTML 3Page - Vishay Siliconix TL8W9226M010C Datasheet HTML 4Page - Vishay Siliconix TL8W9226M010C Datasheet HTML 5Page - Vishay Siliconix TL8W9226M010C Datasheet HTML 6Page - Vishay Siliconix TL8W9226M010C Datasheet HTML 7Page - Vishay Siliconix TL8W9226M010C Datasheet HTML 8Page - Vishay Siliconix TL8W9226M010C Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TL8
www.vishay.com
Vishay Sprague
Revision: 15-Jan-13
1
Document Number: 40156
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Solid Tantalum Chip Capacitors, MICROTAN®,
High CV Leadframeless Molded Low Profile
FEATURES
• Ultra-low profile: 0.8 mm to 1.0 mm in a variety
of case sizes
• Highest capacitance-voltage product in industry
• Lead
(Pb)-free
L-shaped
terminations
for
superior board mounting
• Material categorization:
For
definitions
of
compliance
please
see
www.vishay.com/doc?99912
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55 °C to + 125 °C
(above 85 °C, voltage derating is required)
Capacitance Tolerance: ± 10 % ± 20 %
Voltage Range: 4 VDC to 35 VDC
Capacitance Range: 3.3 μF to 220 μF
Note
• Preferred tolerance and reel sizes are in bold.
We reserve the right to supply higher voltage ratings and tighter capacitance tolerance capacitors in the same case size.
Voltage substitutions will be marked with the higher voltage rating.
ORDERING INFORMATION
TL8
A0
227
M
004
C
TYPE
CASE CODE
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE RATING
AT + 85 °C
TERMINATION/
PACKAGING
See Ratings
and Case
Codes table.
This is expressed
in pF. The first two
digits are the
significant figures.
The third is the
number of zeros
to follow.
M = ± 20 %
K = ± 10 %
This is expressed in V.
To complete the three-digit
block, zeros precede the
voltage rating. A decimal
point is indicated by an “R”
(6R3 = 6.3 V).
C = 100 % tin
7" (178 mm) reel
DIMENSIONS in inches [millimeters]
CASE CODE
H (MAX.)
L
W
P1
P2 (REF.)
C
W0
0.039
[1.0]
0.079 ± 0.008
[2.00 ± 0.20]
0.050 ± 0.008
[1.25 ± 0.20]
0.020 ± 0.004
[0.50 ± 0.10]
0.040
[1.00]
0.035 ± 0.004
[0.90 ± 0.10]
W9
0.035
[0.9]
A0
0.039
[1.0]
0.126 ± 0.008
[3.20 ± 0.20]
0.063 ± 0.008
[1.60 ± 0.20]
0.031 ± 0.004
[0.80 ± 0.10]
0.063
[1.60]
0.047 ± 0.004
[1.20 ± 0.10]
B0
0.039
[1.0]
0.138 ± 0.008
[3.50 ± 0.20]
0.110 ± 0.008
[2.80 ± 0.20]
0.031 ± 0.004
[0.80 ± 0.20]
0.078
[1.95]
0.095 ± 0.004
[2.40 ± 0.10]
L
Anode Polarity Bar
Anode Termination
H
W
P1
C
P2
P1
Cathode Termination


Número de pieza similar - TL8W9226M010C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
TL8 VISHAY-TL8 Datasheet
415Kb / 16P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
Revision: 11-May-16
logo
TiMOTION Technology Co....
TL8 TIMOTION-TL8 Datasheet
482Kb / 6P
   Max. load 2,000N (push)
20220712-L
logo
STMicroelectronics
TL8006 STMICROELECTRONICS-TL8006 Datasheet
262Kb / 4P
   SCR
March 1995
logo
List of Unclassifed Man...
TL801 ETC2-TL801 Datasheet
112Kb / 1P
   TYPICAL INSTALLATION DIAGRAM
TL801 ETC2-TL801 Datasheet
112Kb / 1P
   TYPICAL INSTALLATIION DIAGRAM
More results

Descripción similar - TL8W9226M010C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
TL8 VISHAY-TL8 Datasheet
415Kb / 16P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
Revision: 11-May-16
TP8 VISHAY-TP8 Datasheet
431Kb / 17P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Automotive Grade
Revision: 11-May-16
TR8M106M010C2000 VISHAY-TR8M106M010C2000 Datasheet
142Kb / 10P
   Solid Tantalum Chip Capacitors MICROTAN® Low ESR, Leadframeless Molded
Revision: 21-Mar-13
TR8 VISHAY-TR8_17 Datasheet
408Kb / 16P
   Solid Tantalum Chip Capacitors MICROTAN® Low ESR, Leadframeless Molded
Revision: 18-Jul-17
DLA11020 VISHAY-DLA11020 Datasheet
406Kb / 16P
   Solid Tantalum Chip Capacitors MICROTAN® DLA Approved, Leadframeless Molded
Revision: 18-May-16
298D VISHAY-298D_17 Datasheet
419Kb / 18P
   Solid Tantalum Chip Capacitors 298D MICROTAN®, 298W Extended Range MICROTAN® , Leadframeless Molded
Revision: 18-Jul-17
298D VISHAY-298D_V01 Datasheet
485Kb / 18P
   Solid Tantalum Chip Capacitors 298D MICROTAN®, 298W Extended Range MICROTAN®, Leadframeless Molded
01-Jan-2022
298D VISHAY-298D_08 Datasheet
213Kb / 11P
   Solid Tantalum Chip Capacitors MICROTAN™ Leadframeless Molded
Revision: 01-Sep-08
292D336X06R3P2T VISHAY-292D336X06R3P2T Datasheet
129Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Leadframeless Molded
Revision: 16-Sep-09
TR8 VISHAY-TR8 Datasheet
138Kb / 9P
   Solid Tantalum Chip Capacitors MICROTANTM Low ESR, Leadframeless Molded
Revision: 09-Aug-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com