Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FMBS549 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza FMBS549
Descripción Electrónicos  PNP Low Saturation Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMBS549 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FMBS549 Datasheet HTML 1Page - Fairchild Semiconductor FMBS549 Datasheet HTML 2Page - Fairchild Semiconductor FMBS549 Datasheet HTML 3Page - Fairchild Semiconductor FMBS549 Datasheet HTML 4Page - Fairchild Semiconductor FMBS549 Datasheet HTML 5Page - Fairchild Semiconductor FMBS549 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
V
1
Ic = 1 A, Vce = 2 V
Base-Emitter On Voltage
VBE(on)
V
1.25
Ic = 1 A, Ib = 100 mA
Base-Emitter Saturation Voltage
VBE(sat)
mV
mV
mV
mV
200
350
500
750
Ic = 250 mA,
Ib = 25 mA
Ic = 500 mA,
Ib = 50 mA
Ic = 1 A,
Ib = 100 mA
Ic = 2 A,
Ib = 200 mA
Collector-Emitter Saturation Voltage
VCE(sat)
-
300
70
100
80
40
100
Vce = 2V,
Ic = 50 mA
Vce = 2V,
Ic = 500 mA
Vce = 2V,
Ic = 1 A
Vce = 2V,
Ic = 2 A
Vce = 0.8V, Ic = 500 m A
DC Current Gain
hFE
ON CHARACTERISTICS
nA
100
Veb = 4 V
Emitter Cutoff Current
IEBO
nA
uA
100
10
Vcb = 30 V
Vcb = 30 V, Ta= 100C
Collector Cutoff Current
ICBO
V
5
Ie = 100 uA
Emitter to Base Voltage
BVEBO
V
35
Ic = 100 uA
Collector to Base Voltage
BVCBO
V
30
Ic = 10 mA
Collector to Emitter Voltage
BVCEO
OFF CHARACTERISTICS
Units
Max
Min
Test Conditions
Parameter
Symbol
Electrical Characteristics T
A = 25°C unless otherwise noted
PNP Low Saturation transistor
(continued)
SMALL SIGNAL CHARACTERISTICS
MHz
100
Vce = 5 V, Ic = 100mA, f = 100MHz
Current Gain - Bandwidth Product
fT
pF
25
Vcb = 10V, f = 1MHz
Output Capacitance
Cobo
© 1999 Fairchild Semiconductor
fmbs549.lwp Rev A PrPB


Número de pieza similar - FMBS549

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FMBS549 FAIRCHILD-FMBS549 Datasheet
178Kb / 5P
   PNP Low Saturation Transistor
FMBS549 FAIRCHILD-FMBS549_06 Datasheet
178Kb / 5P
   PNP Low Saturation Transistor
More results

Descripción similar - FMBS549

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FSB660 FAIRCHILD-FSB660 Datasheet
223Kb / 7P
   PNP Low Saturation Transistor
FZT749 FAIRCHILD-FZT749 Datasheet
27Kb / 2P
   PNP Low Saturation Transistor
FMMT549 FAIRCHILD-FMMT549_06 Datasheet
151Kb / 5P
   PNP Low Saturation Transistor
FSB660 FAIRCHILD-FSB660_01 Datasheet
54Kb / 4P
   PNP Low Saturation Transistor
logo
ON Semiconductor
FZT790A ONSEMI-FZT790A Datasheet
279Kb / 7P
   PNP Low Saturation Transistor
February 2015 Rev. 3.1
FSB749 ONSEMI-FSB749 Datasheet
267Kb / 6P
   PNP Low Saturation Transistor
January 2014 Rev. 1.1.0
logo
Fairchild Semiconductor
FMBS549 FAIRCHILD-FMBS549_06 Datasheet
178Kb / 5P
   PNP Low Saturation Transistor
FPN660 FAIRCHILD-FPN660 Datasheet
57Kb / 5P
   PNP Low Saturation Transistor
ZTX749A FAIRCHILD-ZTX749A Datasheet
40Kb / 3P
   PNP Low Saturation Transistor
NZT660 FAIRCHILD-NZT660 Datasheet
200Kb / 7P
   PNP Low Saturation Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com