Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FMC7G15US60 Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FMC7G15US60
Descripción Electrónicos  Compact & Complex Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMC7G15US60 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FMC7G15US60 Datasheet HTML 1Page - Fairchild Semiconductor FMC7G15US60 Datasheet HTML 2Page - Fairchild Semiconductor FMC7G15US60 Datasheet HTML 3Page - Fairchild Semiconductor FMC7G15US60 Datasheet HTML 4Page - Fairchild Semiconductor FMC7G15US60 Datasheet HTML 5Page - Fairchild Semiconductor FMC7G15US60 Datasheet HTML 6Page - Fairchild Semiconductor FMC7G15US60 Datasheet HTML 7Page - Fairchild Semiconductor FMC7G15US60 Datasheet HTML 8Page - Fairchild Semiconductor FMC7G15US60 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2001 Fairchild Semiconductor Corporation
FMC7G15US60 Rev. A1
IGBT
October 2001
FMC7G15US60
Compact & Complex Module
General Description
Fairchild’s Insulated Gate Bipolar Transistor (IGBT) power
modules provide low conduction and switching losses as
well as short circuit ruggedness. They are designed for
applications such as motor control, uninterrupted power
supplies (UPS) and general inverters where short circuit
ruggedness is a required feature.
Features
• UL Certified No. E209204
• Short circuit rated 10us @ TC = 100°C, VGE = 15V
• High speed switching
• Low saturation voltage : VCE(sat) = 2.2 V @ IC = 15A
• High input impedance
• Built in brake and 3 phase rectifier circuit
• Fast & soft anti-parallel FWD
Applications
• AC & DC motor controls
• General purpose inverters
• Robotics
• Servo controls
Internal Circuit Diagram
R
S
T
P
N
P1
B
GB
GU
EU
-GU
GV
EV
-GV
U
GW
EW
V
-GW
W
E
Package Code : 21PM-AA
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Notes :
(1) Repetitive rating : Pulse width limited by max. junction temperature
Symbol
Description
FMC7G15US60
Units
Inverter
&
Brake
VCES
Collector-Emitter Voltage
600
V
VGES
Gate-Emitter Voltage
± 20
V
IC
Collector Current
@ TC = 25°C15
A
ICM (1)
Pulsed Collector Current
30
A
IF
Diode Continuous Forward Current
@ TC = 100°C15
A
IFM
Diode Maximum Forward Current
30
A
PD
Maximum Power Dissipation
@ TC = 25°C45
W
TSC
Short Circuit Withstand Time
@ TC = 100°C10
us
Converter
VRRM
Repetitive Peak Reverse Voltage
1200
V
IO
Average Output Rectified Current
20
A
IFSM
Surge Forward Current
@ 1Cycle at 60Hz, Peak value Non-Repetitive
200
A
I2t
1 Cycle Surge Current
164
A2s
Common
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature Range
-40 to +125
°C
VISO
Isolation Voltage
@ AC 1minute
2500
V
Mounting Torque
Mounting part Screw
@ M4
1.25
N.m


Número de pieza similar - FMC7G15US60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FMC7G10US60 FAIRCHILD-FMC7G10US60 Datasheet
652Kb / 9P
   Compact & Complex Module
More results

Descripción similar - FMC7G15US60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FMS6G10US60 FAIRCHILD-FMS6G10US60 Datasheet
794Kb / 10P
   Compact & Complex Module
FMS6G15US60 FAIRCHILD-FMS6G15US60 Datasheet
738Kb / 10P
   Compact & Complex Module
FMS6G15US60S FAIRCHILD-FMS6G15US60S Datasheet
754Kb / 10P
   Compact & Complex Module
FMS7G10US60S FAIRCHILD-FMS7G10US60S Datasheet
799Kb / 10P
   Compact & Complex Module
FMS7G15US60 FAIRCHILD-FMS7G15US60 Datasheet
747Kb / 10P
   Compact & Complex Module
FMC7G20US60 FAIRCHILD-FMC7G20US60 Datasheet
650Kb / 9P
   Compact & Complex Module
FMC7G30US60 FAIRCHILD-FMC7G30US60 Datasheet
662Kb / 9P
   Compact & Complex Module
FMC7G50US60 FAIRCHILD-FMC7G50US60 Datasheet
667Kb / 9P
   Compact & Complex Module
FMS7G20US60 FAIRCHILD-FMS7G20US60 Datasheet
902Kb / 9P
   Compact & Complex Module
FMS7G20US60S FAIRCHILD-FMS7G20US60S Datasheet
781Kb / 10P
   Compact & Complex Module
FMC6G15US60 FAIRCHILD-FMC6G15US60 Datasheet
657Kb / 9P
   Compact & Complex Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com