Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-316J Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HCPL-316J
Descripción Electrónicos  2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-316J Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-316J Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-316J Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-316J Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-316J Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-316J Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-316J Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-316J Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-316J Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-316J Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
3
Product Overview Description
The HCPL-316J is a highly integrated power control de-
vice that incorporates all the necessary components for a
complete, isolated IGBT gate drive circuit with fault pro-
tection and feedback into one SO-16 package. TTL input
logic levels allow direct interface with a microcontroller,
and an optically isolated power output stage drives
IGBTs with power ratings of up to 150 A and 1200 V. A
high speed internal optical link minimizes the propaga-
tion delays between the microcontroller and the IGBT
while allowing the two systems to operate at very large
common mode voltage differences that are common in
industrial motor drives and other power switching ap-
plications. An output IC provides local protection for
the IGBT to prevent damage during overcurrents, and a
second optical link provides a fully isolated fault status
feedback signal for the microcontroller. A built in“watch-
dog” circuit monitors the power stage supply voltage to
prevent IGBT caused by insufficient gate drive voltages.
This integrated IGBT gate driver is designed to increase
the performance and reliability of a motor drive without
the cost, size, and complexity of a discrete design.
Two light emitting diodes and two integrated circuits
housed in the same SO-16 package provide the input
control circuitry, the output power stage, and two op-
tical channels. The input Buffer IC is designed on a bi-
polar process, while the output Detector IC is designed
manufactured on a high voltage BiCMOS/Power DMOS
process. The forward optical signal path, as indicated by
LED1, transmits the gate control signal. The return opti-
cal signal path, as indicated by LED2, transmits the fault
status feedback signal. Both optical channels are com-
pletely controlled by the input and output ICs respec-
tive-ly, making the internal isolation boundary transpar-
ent to the microcontroller.
Under normal operation, the input gate control signal di-
rectly controls the IGBT gate through the isolated output
detector IC. LED2 remains off and a fault latch in the in-
put buffer IC is disabled. When an IGBT fault is detected,
the output detector IC immediately begins a “soft” shut-
down sequence, reducing the IGBT current to zero in a
controlled manner to avoid potential IGBT damage from
inductive overvoltages. Simultaneously, this fault status
is transmitted back to the input buffer IC via LED2, where
the fault latch disables the gate control input and the ac-
tive low fault output alerts the microcontroller.
During power-up, the Under Voltage Lockout (UVLO) fea-
ture prevents the application of insufficient gate voltage
to the IGBT, by forcing the HCPL-316J’s output low. Once
the output is in the high state, the DESAT (VCE) detec-
tion feature of the HCPL-316J provides IGBT protection.
Thus, UVLO and DESAT work in conjunction to provide
constant IGBT protection.
SHIELD
HCPL-316J functional diagram
DESAT
FAULT
UVLO
OUTPUT IC
SHIELD
INPUT IC
RESET
5
FAULT
6
VIN+
1
VIN- 2
VCC1
3
VCC2
13
12
VOUT
11
VEE
9,10
VE
16
DESAT
14
VC
VLED2+
GND1
15
4
VLED1-
7
8
VLED1+
LED2
LED1
D
R
I
V
E
R


Número de pieza similar - HCPL-316J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCPL-316J HP-HCPL-316J Datasheet
504Kb / 33P
   2.0 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-316J-000E AVAGO-HCPL-316J-000E Datasheet
332Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
HCPL-316J-500E AVAGO-HCPL-316J-500E Datasheet
332Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
More results

Descripción similar - HCPL-316J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-316J-500E AVAGO-HCPL-316J-500E Datasheet
332Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
Broadcom Corporation.
ACPL-5160 BOARDCOM-ACPL-5160 Datasheet
2Mb / 36P
   2.5-Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-5160 AVAGO-ACPL-5160 Datasheet
557Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
HCPL-316J-000E AVAGO-HCPL-316J-000E Datasheet
332Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
Agilent(Hewlett-Packard...
HCPL316J HP-HCPL316J Datasheet
504Kb / 33P
   2.0 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-38JT-000E AVAGO-ACPL-38JT-000E Datasheet
561Kb / 33P
   Automotive Gate Drive Optocoupler with R2Coupler??Isolation, 2.5 Amp Output Current, Integrated Desaturation (VCE) Detection and Fault Status Feedback
ACPL-332J-000E AVAGO-ACPL-332J-000E Datasheet
299Kb / 23P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO Fault Status Feedback and Active Miller Clamping
ACPL-331J-500E AVAGO-ACPL-331J-500E Datasheet
300Kb / 22P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO, Fault Status Feedback and Active Miller Clamping
ACPL-331J AVAGO-ACPL-331J Datasheet
607Kb / 23P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection
logo
ON Semiconductor
FOD8316 ONSEMI-FOD8316 Datasheet
450Kb / 29P
   2.5 A Output Current, IGBT Drive Optocoupler with Desaturation Detection and Isolated Fault Sensing
October 2017 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com